Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF6A-100DA-1.27DSAL Datasheet(PDF) 6 Page - Hirose Electric

Part # HIF6A-100DA-1.27DSAL
Description  1.27mm Pitch Two-Piece Connector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF6A-100DA-1.27DSAL Datasheet(HTML) 6 Page - Hirose Electric

Back Button HIF6A-100DA-1.27DSAL Datasheet HTML 2Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 3Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 4Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 5Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 6Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 7Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 8Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 9Page - Hirose Electric HIF6A-100DA-1.27DSAL Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
B74
HIF6 Seriesq1.27mm Pitch Two-Piece Connector
sPin Header Straight Type with lock
Note : Size G indicates a state where the lock is open.
Guide Key Side
Guide Key Side
(20, 32, 40, 52, 60, 68, 80, 100 contacts)
(26, 34, 50 contacts)
(20, 32, 40, 52, 60, 68, 80, 100 contacts)
(26, 34, 50 contacts)
q Indicate
mark position.
Unit: mm
n =
Number of Contacts
2
BPCB mounting pattern
Part Number
CL No.
Unit: mm
HIF6-020PA-1.27DSA(71)
HIF6-026PA-1.27DSA(71)
HIF6-032PA-1.27DSA(71)
HIF6-034PA-1.27DSA(71)
HIF6-040PA-1.27DSA(71)
HIF6-050PA-1.27DSA(71)
HIF6-052PA-1.27DSA(71)
HIF6-060PA-1.27DSA(71)
HIF6-068PA-1.27DSA(71)
HIF6-080PA-1.27DSA(71)
HIF6-100PA-1.27DSA(71)
630-0101-9-71
630-0102-1-71
630-0103-4-71
630-0104-7-71
630-0105-0-71
630-0106-2-71
630-0107-5-71
630-0108-8-71
630-0109-0-71
630-0110-0-71
630-0111-2-71
20
26
32
34
40
50
52
60
68
80
100
30.95
34.76
38.57
39.84
43.65
50.00
51.27
56.35
61.43
69.05
81.75
11.43
15.24
19.05
20.32
24.13
30.48
31.75
36.83
41.91
49.53
62.23
24.55
28.36
32.17
33.44
37.25
43.60
44.87
49.95
55.03
62.65
75.35
14.95
18.76
22.57
23.84
27.65
34.00
35.27
40.35
45.43
53.05
65.75
21.59
25.40
29.21
30.48
34.29
40.64
41.91
46.99
52.07
59.69
72.39
43.55
47.36
51.17
52.44
56.25
62.60
63.87
68.95
74.03
81.65
94.35
YES
Number of Contacts
A
B
C
D
E
F
G
RoHS
18.75
22.56
26.37
27.64
31.45
37.80
39.07
44.15
49.23
56.85
69.55
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HIF6A-100DA-1.27DSAL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6A-100DA-1.27DSA HIROSE-HIF6A-100DA-1.27DSA Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6A-100DA-1.27DSA HIROSE-HIF6A-100DA-1.27DSA Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
More results

Similar Description - HIF6A-100DA-1.27DSAL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com