Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF20G-10DP-1V Datasheet(PDF) 3 Page - Hirose Electric

Part # DF20G-10DP-1V
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20G-10DP-1V Datasheet(HTML) 3 Page - Hirose Electric

  DF20G-10DP-1V Datasheet HTML 1Page - Hirose Electric DF20G-10DP-1V Datasheet HTML 2Page - Hirose Electric DF20G-10DP-1V Datasheet HTML 3Page - Hirose Electric DF20G-10DP-1V Datasheet HTML 4Page - Hirose Electric DF20G-10DP-1V Datasheet HTML 5Page - Hirose Electric DF20G-10DP-1V Datasheet HTML 6Page - Hirose Electric DF20G-10DP-1V Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
B268
DF20 Series
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
■Double Row Socket
■Socket Crimp Contacts
CL No.
Part Number
Number of Contacts
A
B
RoHS
686-0020-3
686-0021-6
686-0022-9
686-0023-1
686-0024-4
DF20A-10DS-1C
DF20A-20DS-1C
DF20A-30DS-1C
DF20A-40DS-1C
DF20A-50DS-1C
10
20
30
40
50
17.2
12.2
17.2
22.2
27.2
14.0
19.0
14.0
19.0
24.0
YES
[Specifications number]-*, (**)
(59): Gold plating, embossed tape
packaging
CL No.
Product No.
Type of contacts
Quantity
Plating type
RoHS
686-0042-6-**
686-0043-9-**
686-0051-7-**
DF20F-2830SCFA(**)
DF20F-3032SCFA(**)
DF20F-36SCFA(**)
Reel contacts
See specifications number column
Gold plating
YES
Contact No. *
Contact No. *
P=1
B
A
5
4.28
Contact No. 1
Contact No. 2
5th contact marking
Contact No. 1 mark
1.45
0.7
Unit: mm
Note: Sales quantities are by the package unit (containing 100 pieces). Please order by package unit.
Shown with terminated and installed contacts
Type
CL No.
Insulation crimper
Wire crimper
Insulation anvil and wire anvil
901-4572-6-61
901-4572-6-62
901-4572-6-63
Product No.
AP105-DF20-2830S(61)
AP105-DF20-2830S(62)
AP105-DF20-2830S(63)
■Replacement Parts List for Applicator
[Specifications number] -*, (**)
(04): 10,000 pieces / reel
(44): 20,000 pieces / reel
Applicable Wire Size (Stranded wire conductor)
Jacket diameter
AWG #28 (7/0.127 mm)
AWG #30 (7/0.1 mm)
AWG #32 (7/0.08 mm)
0.5mm to 0.6 mm
Product No.
Type
CL No.
AP105-DF20-2830S
CM-105
Applicator
Press
901-4572-6
901-0005-4
Note 1: Hirose Electric will not be responsible for any
problems caused by use of tools other than specified.
Note 2: The manual crimping tool can be also used for
cutting-off individual contacts from the reel.
Note 3: Customers that already have DF13 Series Hirose’s
press units and applicators will be able to use them
for DF20 Series crimp terminations by replacing of
only crimper and anvil.
Note4: The crimping tool for the DF20F-3032SCFA can
also be used with the DF20F-2830SCFA.
Note: When using other than the recommended wire,
contact your nearest Hirose representative.
●Applicable Wire (Tin plated solid soft conductor)
●Applicable Crimping Tools
●Recommended wire
UL1571
●Strip length
1.2 to 1.9 mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF20G-10DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20G-10DP-1V HIROSE-DF20G-10DP-1V Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20G-10DP-1V(56) HIROSE-DF20G-10DP-1V(56) Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20G-10DP-1V56 HIROSE-DF20G-10DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20G-10DP-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 HIROSE-DF20 Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com