Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN009-100P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN009-100P
Description  N-channel TrenchMOS SiliconMAX standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN009-100P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN009-100P Datasheet HTML 2Page - NXP Semiconductors PSMN009-100P Datasheet HTML 3Page - NXP Semiconductors PSMN009-100P Datasheet HTML 4Page - NXP Semiconductors PSMN009-100P Datasheet HTML 5Page - NXP Semiconductors PSMN009-100P Datasheet HTML 6Page - NXP Semiconductors PSMN009-100P Datasheet HTML 7Page - NXP Semiconductors PSMN009-100P Datasheet HTML 8Page - NXP Semiconductors PSMN009-100P Datasheet HTML 9Page - NXP Semiconductors PSMN009-100P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PSMN009-100P_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2009
6 of 13
NXP Semiconductors
PSMN009-100P
N-channel TrenchMOS SiliconMAX standard level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj =-55 °C
90
-
-
V
ID =0.25mA; VGS =0V; Tj =25°C
100
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj = 175 °C;
see Figure 8
1-
-
V
ID =1mA; VDS = VGS; Tj =25°C;
see Figure 8
234
V
ID =1mA; VDS = VGS; Tj =-55 °C;
see Figure 8
--4.4
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 175 °C
-
-
500
µA
VDS =30V; VGS =0V; Tj = 25 °C
-
0.02
1
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A; Tj = 175 °C;
see Figure 9; see Figure 10
-
20.25
23.8
m
VGS =10V; ID =25A; Tj =25°C;
see Figure 9; see Figure 10
-7.5
8.8
m
Dynamic characteristics
QG(tot)
total gate charge
ID =75A; VDS =80V; VGS =10V;
Tj =25°C; see Figure 11
-
156
-
nC
QGS
gate-source charge
-
31
-
nC
QGD
gate-drain charge
-
44
-
nC
Ciss
input capacitance
VDS =25V; VGS = 0 V; f = 1 MHz;
Tj =25°C; see Figure 12
-
8250
-
pF
Coss
output capacitance
-
620
-
pF
Crss
reverse transfer
capacitance
-
300
-
pF
td(on)
turn-on delay time
VDS =15V; RL =1.25 Ω; VGS =10 V;
RG(ext) =6 Ω; Tj =25 °C; ID =12A
-38
-
ns
tr
rise time
-
59
-
ns
td(off)
turn-off delay time
-
120
-
ns
tf
fall time
-
43
-
ns
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 13
-0.8
1.2
V


Similar Part No. - PSMN009-100P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN009-100P PHILIPS-PSMN009-100P Datasheet
271Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-29 April 2002
logo
Nexperia B.V. All right...
PSMN009-100P NEXPERIA-PSMN009-100P Datasheet
776Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 27 December 2011
More results

Similar Description - PSMN009-100P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200B PHILIPS-PSMN057-200B_15 Datasheet
238Kb / 11P
   N-channel TrenchMOS SiliconMAX standard level FET
15 August 2013
PSMN035-150B NXP-PSMN035-150B Datasheet
222Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-17 November 2009
PSMN008-75B NXP-PSMN008-75B Datasheet
220Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-11 December 2009
logo
Nexperia B.V. All right...
PSMN085-150K NEXPERIA-PSMN085-150K Datasheet
786Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 3 - 22 December 2011
PSMN025-100D NEXPERIA-PSMN025-100D Datasheet
799Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 12 January 2012
PHP165NQ08T NEXPERIA-PHP165NQ08T Datasheet
305Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 27 March 2009
logo
NXP Semiconductors
PSMN085-150K NXP-PSMN085-150K Datasheet
208Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-1 March 2010
PSMN165-200K NXP-PSMN165-200K Datasheet
387Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-3 December 2009
PSMN070-200B PHILIPS-PSMN070-200B_15 Datasheet
171Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-14 December 2010
logo
Nexperia B.V. All right...
PSMN009-100P NEXPERIA-PSMN009-100P Datasheet
776Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 27 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com