Electronic Components Datasheet Search |
|
DF1E-05S-2.5C Datasheet(PDF) 5 Page - Hirose Electric |
|
DF1E-05S-2.5C Datasheet(HTML) 5 Page - Hirose Electric |
5 / 16 page B150 DF1E Series ●2.5mm Pitch Connector for Full Lock and Discrete Wire Connection ■Right Angle Pin Header BPCB mounting pattern (Board Thickness t = 1.6 ± 0.1) Note 1. : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag. However, the quantity for delivery will be changed according to the Specific No. Note 2. : The 2 to 4 contacts differ in two convex portions from those in above figures. The 2 and 3 contacts are not contained, but the 4 contact connector is contained in the center at one point. Note 3. : Styles of 2 to 4 contact connectors partially differ from those in above figures. Part Number P = 2.5±0.05 A±0.1 * – Ø1.1 +0.1 0 DF1E –02P–2.5DS(**) DF1E –03P–2.5DS(**) DF1E –04P–2.5DS(**) DF1E –05P–2.5DS(**) DF1E –06P–2.5DS(**) DF1E –07P–2.5DS(**) DF1E –08P–2.5DS(**) DF1E –09P–2.5DS(**) DF1E –10P–2.5DS(**) DF1E –11P–2.5DS(**) DF1E –12P–2.5DS(**) DF1E –13P–2.5DS(**) DF1E –14P–2.5DS(**) DF1E –15P–2.5DS(**) Contact No. mark 5.4 P=2.5 A B Mold Cavity No. mark M 0.64 Note 2 Contact No.1 indicated 10 A [Specific No.] –* *, (* *) (01): Gold plated (05): Tin plated CL No. 541 – 0985– 0 –** 541 – 0986– 3 –** 541 – 0987– 6 –** 541 – 0988– 9 –** 541 – 0989– 1 –** 541 – 0990– 0 –** 541 – 0991– 3 –** 541 – 0992– 6 –** 541 – 0993– 9 –** 541 – 0994– 1 –** 541 – 0995– 4 –** 541 – 0996– 7 –** 541 – 0997– 0 –** 541 – 0998– 2 –** Number of Contacts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 A 02.5 05.0 07.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5 35.0 B 07.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5 35.0 37.5 40.0 RoHS Yes The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - DF1E-05S-2.5C |