Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF5A-16DS-5C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF5A-16DS-5C
Description  5mm Pitch Miniature Potting Connector for Secondary Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5A-16DS-5C Datasheet(HTML) 4 Page - Hirose Electric

  DF5A-16DS-5C Datasheet HTML 1Page - Hirose Electric DF5A-16DS-5C Datasheet HTML 2Page - Hirose Electric DF5A-16DS-5C Datasheet HTML 3Page - Hirose Electric DF5A-16DS-5C Datasheet HTML 4Page - Hirose Electric DF5A-16DS-5C Datasheet HTML 5Page - Hirose Electric DF5A-16DS-5C Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B126
DF5 Series
5mm Pitch Miniature Potting Connector for Secondary Power Supply
■Double Row Socket
■Double Row Pin Header
Part Number
CL No.
Number of Contacts
EF
DF5A- 4DS-5C
676-0025-0
4
5.0
10.5
DF5A- 6DS-5C
676-0026-2
6
10.0
15.5
DF5A- 8DS-5C
676-0027-5
8
15.0
20.5
DF5A-10DS-5C
676-0028-8
10
20.0
25.5
DF5A-12DS-5C
676-0036-6
12
25.0
30.5
DF5A-14DS-5C
676-0037-9
14
30.0
35.5
DF5A-16DS-5C
676-0038-1
16
35.0
40.5
Note: A packaging quantity is delivered by the
bag unit (100 pcs.).
Part Number
CL No.
Number of Contacts
GH
DF5A- 4DP-5DSA(05)
676-0029-0-05
4
5.0
12.5
DF5A- 6DP-5DSA(05)
676-0030-0-05
6
10.0
17.5
DF5A- 8DP-5DSA(05)
676-0031-2-05
8
15.0
22.5
DF5A-10DP-5DSA(05)
676-0032-5-05
10
20.0
27.5
DF5A-12DP-5DSA(05)
676-0033-8-05
12
25.0
32.5
DF5A-14DP-5DSA(05)
676-0034-0-05
14
30.0
37.5
DF5A-16DP-5DSA(05)
676-0035-3-05
16
35.0
42.5
Note: A packaging quantity is delivered by the
bag unit (100 pcs.).
Contact Inserted
YES
RoHS
YES
RoHS
Contact
No. indicator
Polarity mark
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF5A-16DS-5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-16DS-5C HIROSE-DF5A-16DS-5C Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5A-16DS-5C HIROSE-DF5A-16DS-5C Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
More results

Similar Description - DF5A-16DS-5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-2S-5C HIROSE-DF5A-2S-5C Datasheet
230Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5 HIROSE-DF5 Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
logo
Fujitsu Component Limit...
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
   ASSP for Power Supply Applications (Secondary Battery)
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
logo
Hirose Electric
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com