Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP549J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP549J
Description  Office Machine Household Use Equipment Solid State Relay Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP549J Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP549J Datasheet HTML 1Page - Toshiba Semiconductor TLP549J Datasheet HTML 2Page - Toshiba Semiconductor TLP549J Datasheet HTML 3Page - Toshiba Semiconductor TLP549J Datasheet HTML 4Page - Toshiba Semiconductor TLP549J Datasheet HTML 5Page - Toshiba Semiconductor TLP549J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP549J
2009-10-20
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Off
−state current
IDRM
VAK = 600 V, RGK = 27 kΩ
5
μA
Reverse current
IRRM
VKA = 600 V, RGK = 27 kΩ
5
μA
On
−state voltage
VTM
ITM = 100 mA, IF = 7 mA
1.25
1.45
V
Holding current
IH
RGK = 27 kΩ
0.5
1
mA
Off
−state dv/dt
dv/dt
VAK = 420 V, RGK = 27 kΩ
5
V/μs
Anode to gate
5
Capacitance
Cj
V = 0, f = 1 MHz
Gate to cathode
500
pF
Coupled Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
VAK = 6 V, RGK = 27 kΩ
3
7
mA
Turn
−on time
ton
IF = 30 mA, VAA = 50 V,
RGK = 27 kΩ
10
μs
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc


Similar Part No. - TLP549J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
550Kb / 6P
   GaAs Ired & Photo-Thyristor
TLP541G TOSHIBA-TLP541G_07 Datasheet
550Kb / 6P
   GaAs Ired & Photo-Thyristor
TLP542G TOSHIBA-TLP542G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
TLP542G TOSHIBA-TLP542G Datasheet
550Kb / 6P
   GaAs Ired & Photo-Thyristor
More results

Similar Description - TLP549J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP741J TOSHIBA-TLP741J Datasheet
291Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP748JF TOSHIBA-TLP748JF Datasheet
136Kb / 4P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G Datasheet
256Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP548J TOSHIBA-TLP548J Datasheet
251Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP733 TOSHIBA-TLP733 Datasheet
162Kb / 10P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G_14 Datasheet
269Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com