Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN7R0-100PS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN7R0-100PS
Description  N-channel 100V 6.8 m廓 standard level MOSFET in TO220
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN7R0-100PS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN7R0-100PS Datasheet HTML 3Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 4Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 5Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 6Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 7Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 8Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 9Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 10Page - NXP Semiconductors PSMN7R0-100PS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PSMN7R0-100PS_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 January 2010
7 of 16
NXP Semiconductors
PSMN7R0-100PS
N-channel 100V 6.8 m
Ω standard level MOSFET in TO220
td(on)
turn-on delay time
VDS =50V; RL =2 Ω; VGS =10V;
RG(ext) =4.7 Ω; Tj =25°C
-
34.6
-
ns
tr
rise time
-
45.6
-
ns
td(off)
turn-off delay time
-
103.9
-
ns
tf
fall time
-
49.5
-
ns
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 16
-0.8
1.2
V
trr
reverse recovery time
IS =25A; dIS/dt = 100 A/µs; VGS =0V;
VDS =50V
-64
-
ns
Qr
recovered charge
-
167
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
003a a d562
0
60
120
180
240
300
01
23
4
VDS (V)
ID
(A)
6
10
5
4.5
5.5
VGS (V) = 4
20
003a a d566
2000
4000
6000
8000
10000
12000
0
5
10
15
20
VGS (V)
C
(pF)
Cis s
Crs s


Similar Part No. - PSMN7R0-100PS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-100PS NEXPERIA-PSMN7R0-100PS Datasheet
745Kb / 14P
   N-channel 100V 6.8 mΩ standard level MOSFET in TO220.
17 October 2013
logo
NXP Semiconductors
PSMN7R0-100PS PHILIPS-PSMN7R0-100PS_15 Datasheet
268Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220.
17 October 2013
More results

Similar Description - PSMN7R0-100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R0-100PS PHILIPS-PSMN7R0-100PS_15 Datasheet
268Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220.
17 October 2013
logo
Nexperia B.V. All right...
PSMN7R0-100PS NEXPERIA-PSMN7R0-100PS Datasheet
745Kb / 14P
   N-channel 100V 6.8 mΩ standard level MOSFET in TO220.
17 October 2013
logo
NXP Semiconductors
PSMN016-100PS NXP-PSMN016-100PS Datasheet
245Kb / 15P
   N-channel 100V 16 m廓 standard level MOSFET in TO220
Rev. 01-1 March 2010
PSMN027-100PS NXP-PSMN027-100PS Datasheet
248Kb / 14P
   N-channel 100V 26.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
PSMN7R0-100ES NXP-PSMN7R0-100ES Datasheet
251Kb / 15P
   N-channel 100V 6.8 m廓 standard level MOSFET in I2PAK.
Rev. 03-23 February 2010
PSMN7R0-100BS NXP-PSMN7R0-100BS Datasheet
229Kb / 14P
   N-channel 100V 6.8 m廓 standard level MOSFET in D2PAK.
Rev. 2-2 March 2012
PSMN013-100PS NXP-PSMN013-100PS Datasheet
177Kb / 14P
   N-channel 100V 13.9m廓 standard level MOSFET in TO220.
Rev. 02-22 January 2010
PSMN013-100PS PHILIPS-PSMN013-100PS_15 Datasheet
235Kb / 14P
   N-channel 100V 13.9m廓 standard level MOSFET in TO220
10 August 2012
logo
Nexperia B.V. All right...
PSMN7R0-100XS NEXPERIA-PSMN7R0-100XS Datasheet
362Kb / 16P
   N-channel 100V 6.8 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN013-100PS NEXPERIA-PSMN013-100PS Datasheet
739Kb / 14P
   N-channel 100V 13.9mΩ standard level MOSFET in TO220.
10 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com