Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF76GW-30S-1C Datasheet(PDF) 9 Page - Hirose Electric

Part # MDF76GW-30S-1C
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76GW-30S-1C Datasheet(HTML) 9 Page - Hirose Electric

Back Button MDF76GW-30S-1C Datasheet HTML 4Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 5Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 6Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 7Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 8Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 9Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 10Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 11Page - Hirose Electric MDF76GW-30S-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
BUsage Recommendations
Refer to “Nylon Connector Use Handbook”.
The crimp contact termination must be performed using specified tools.
All dimensions and crimp conditions are listed in applicable Crimp
Condition Table and Crimping Quality Standards Manual.
s Insert the contact retention tool in the insulator body and carefully lift the
molded-in retention tab while pulling on the wire at the same time (Fig. 1).
Do not deflect the molded-in retention tab more than is needed to release
the contact. The tab should return to its initial position after the contact is
removed.
Note: If the tab is not returning to it’s initial position carefully push I back
before inserting the crimped contact.
Permanent breakage of the molded-in retention tab will require
replacement of the entire plug.
Refer to "Nylon Connector Use Handbook".
Maximum of 0.03 mm at the connector center, with both ends of the
connector as reference points.
Thickness: 0.15 mm
Open area ratio: 100%
300±10ç for 3 seconds
Note 1: Up to 2 cycles of Reflow soldering is possible under the same
conditions, provided that there is a return to normal
temperature between the first and second cycle.
Note 2: The temperature profile indicates the board surface
temperature at the point of contacts with the connector
terminals.
10sMAX
30~60sec
255çMAX
180ç
100
150
200
250
220ç
Time (Seconds)
Temperature (ç)
60~120sec
1.Recommended temperature profile
2.Recommended manual soldering
3.Recommended screen thickness and open
area ratio
4.Board warpage
5.Cleaning conditions
6.Wire preparation and contact crimping
7.Crimped contact extraction
Contact extraction tool
Molded-in contact retention tab
Pull-out
Figure 1. Contact Extraction
Plug
Contact
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF76GW-30S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76GW-30S-1H(55) HIROSE-MDF76GW-30S-1H(55) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF76GW-30S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
   2.54 mm Wire-to-Board Connectors
03/22
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com