Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF13-WBR-4P Datasheet(PDF) 5 Page - Hirose Electric

Part # LF13-WBR-4P
Description  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF13-WBR-4P Datasheet(HTML) 5 Page - Hirose Electric

  LF13-WBR-4P Datasheet HTML 1Page - Hirose Electric LF13-WBR-4P Datasheet HTML 2Page - Hirose Electric LF13-WBR-4P Datasheet HTML 3Page - Hirose Electric LF13-WBR-4P Datasheet HTML 4Page - Hirose Electric LF13-WBR-4P Datasheet HTML 5Page - Hirose Electric LF13-WBR-4P Datasheet HTML 6Page - Hirose Electric LF13-WBR-4P Datasheet HTML 7Page - Hirose Electric LF13-WBR-4P Datasheet HTML 8Page - Hirose Electric LF13-WBR-4P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
LF Series
Miniature Waterproof Shielded Connectors
■Applicable tools
■Solder termination fixture
Contact configuration
Shell size
LF07
LF10
LF13
Number of contacts
Withstanding voltage
Current rating
Insulation resistance
Contact resistance
Solder pot inner diameter
3
1250V AC
5A
1000Mø
15mø
1.15mm
6
300V AC
2A
0.8mm
Alignment guide
B
+0.05
0
■Panel Cutout
■Contact position arrangement and specifications
1
3
2
1
2
3
4
5
6
Note 1: The contact configuration as viewed from the female contact connector mating side.
Note 2: The
▼ symbol indicates polarizing key position.
Note 3: Withstanding voltages are test voltage values.
Part number
Description
CL No.
LF series Applicable cable dia.
HR10A-TC-02
LF-TC-01
Manual cable clamp crimp
Note: Applicable cable dia. is only 5mm for LF series.
150-0041-2
150-0234-6
5 (Note)
7.3 · 8.7
CL No.
Part number
Applicable connectors
150-0232-0
150-0233-3
150-0235-9
150-0236-1
150-0237-4
150-0238-7
LF07BP-T01
LF07BJ-T01
LF10BP-T01
LF10BJ-T01
LF13BP-T01
LF13BJ-T01
LF07WBP-6S,6P,3S,3P
LF07WBJ-6S,6P,3S,3P
LF10WBP-4S,4P,12S,12P
LF10WBJ-4S,4P,12S,12P
LF13WBP-20S,20P,11S,11P
LF13WBJ-20S,20P,11S,11P
Shell size
A
B
Panel thickness
unit (mm)
LF07
LF10
LF13
Ø9.05
Ø11.05
Ø14.05
8.1
10.2
13.1
0.5 to 2
0.7 to 2
0.7 to 2
4
1250V AC
10A
1000Mø
5mø
1.7mm
1
2
3
4
1
2
3
4
5
6
7
8
9
10
11
12
A
B
2
5
6
1
3
7
4
D
C
3
2
1
8
7
6
9 10
4
5
17
16
20
13
12
11
14 15
18 19
12
300V AC
2A
1000Mø
15mø
0.8mm
11
20
AC300V
2A
1000Mø
4mø
0.8mm
Unit:mm
4
Ø1.7
4
5mø
7
Ø0.8
7
15mø
1000Mø
7
2A
7
AC300V
4
AC1250V
4
10A
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LF13-WBR-4P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF13006 NSC-LF13006 Datasheet
189Kb / 8P
   Digital Gain Set
LF13007 NSC-LF13007 Datasheet
189Kb / 8P
   Digital Gain Set
LF13201 NSC-LF13201 Datasheet
416Kb / 18P
   Quad SPST JFET Analog Switches
LF13201D NSC-LF13201D Datasheet
416Kb / 18P
   Quad SPST JFET Analog Switches
LF13202 NSC-LF13202 Datasheet
416Kb / 18P
   Quad SPST JFET Analog Switches
More results

Similar Description - LF13-WBR-4P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com