Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK4P60DA Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TK4P60DA
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK4P60DA Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TK4P60DA Datasheet HTML 1Page - Toshiba Semiconductor TK4P60DA Datasheet HTML 2Page - Toshiba Semiconductor TK4P60DA Datasheet HTML 3Page - Toshiba Semiconductor TK4P60DA Datasheet HTML 4Page - Toshiba Semiconductor TK4P60DA Datasheet HTML 5Page - Toshiba Semiconductor TK4P60DA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TK4P60DA
2010-03-09
5
0.001
0.01
1
10
100
10
1000
100
100
μs *
1 ms *
0.1
1
10
μ
0.1
1
10
100
μ
1m
10m
100m
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 1.56 °C/W
Duty=0.5
0.2
0.1
0.05
0.02
0.01
0.01
SINGLE PULSE
0 V
15 V
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 18.9 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
rth – tw
EAS – Tch
PULSE WIDTH tw (s)
SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
*: SINGLE NONREPETITIVE
PULSE Tc = 25°C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
TEMPERATURE.
ID max (pulsed) *
ID max (continuous)
CHANNEL TEMPEATURE (INITIAL)
Tch(°C)
TEST CIRCUIT
WAVEFORM
DC operation
Tc
= 25°C
200
160
120
80
40
0
25
50
75
100
125
150


Similar Part No. - TK4P60DA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK4P60DA TOSHIBA-TK4P60DA Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TK4P60DA ISC-TK4P60DA Datasheet
333Kb / 2P
   iscN-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
TK4P60DA VBSEMI-TK4P60DA Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - TK4P60DA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com