Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK4P55DA Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TK4P55DA
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK4P55DA Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TK4P55DA Datasheet HTML 1Page - Toshiba Semiconductor TK4P55DA Datasheet HTML 2Page - Toshiba Semiconductor TK4P55DA Datasheet HTML 3Page - Toshiba Semiconductor TK4P55DA Datasheet HTML 4Page - Toshiba Semiconductor TK4P55DA Datasheet HTML 5Page - Toshiba Semiconductor TK4P55DA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TK4P55DA
2009-08-07
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
±1
μA
Drain cut-off current
IDSS
VDS = 550 V, VGS = 0 V
10
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
550
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.4
4.4
V
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 1.8 A
2.0
2.45
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 1.8 A
0.4
1.8
S
Input capacitance
Ciss
380
Reverse transfer capacitance
Crss
2.5
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
45
pF
Rise time
tr
15
Turn-on time
ton
35
Fall time
tf
7
Switching time
Turn-off time
toff
55
ns
Total gate charge
Qg
9
Gate-source charge
Qgs
5
Gate-drain charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 3.5 A
4
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
3.5
A
Pulse drain reverse current
(Note 1)
IDRP
14
A
Forward voltage (diode)
VDSF
IDR = 3.5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
800
ns
Reverse recovery charge
Qrr
IDR = 3.5 A, VGS = 0 V,
dIDR/dt = 100 A/μs
4.4
μC
Marking(Note 4)
Note 4:
RL = 111 Ω
0 V
10 V
VGS
VDD ≈ 200 V
ID = 1.8 A VOUT
50
Ω
Duty
≤ 1%, tw = 10 μs
TK4P55DA
Lot No.
Part No. (or abbreviation code)
* Weekly code: (Four digits)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last 2digits of the calendar year)


Similar Part No. - TK4P55DA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK4P55DA TOSHIBA-TK4P55DA Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TK4P55DA VBSEMI-TK4P55DA Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - TK4P55DA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com