Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF76KBW-30P-1C Datasheet(PDF) 3 Page - Hirose Electric

Part # MDF76KBW-30P-1C
Description  1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF76KBW-30P-1C Datasheet(HTML) 3 Page - Hirose Electric

  MDF76KBW-30P-1C Datasheet HTML 1Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 2Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 3Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 4Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 5Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 6Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 7Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 8Page - Hirose Electric MDF76KBW-30P-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
sOrdering information
3
MDF76 Seriesq1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
qPlug
MDF 76 # –
*
* P – 1 C
1
2
3
4
5
6
qReceptacle
MDF 76
*
**
* – *
* S – 1 H
1
2
3
4
5
6
MDF 76 – 2836 PCF A
1
2
3
Series Name : MDF76
Form type
Plug
Blank : Standard
Receptacle (Low profile)
KBW
: Standard, mid-mount
LBRW : Reverse, mid-mount
Receptacle (High profile)
TW
: Standard, mid-mount
URW : Reverse, mid-mount
GW
: Standard, top board
Number of contacts : 30
Connector type
P : Plug
S : Receptalce
Contact pitch : 1 mm
Housing type
C : Crimp
H : Right angle SMT
1
5
6
4
2
3
qContacts
Applicable conductor
2836
: AWG# 28 to 36
Packaging
PCF
: Male crimp contact / reel
Plating
A
: Gold plated
1
2
3
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF76KBW-30P-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA(41) HIROSE-MDF76-2836PCFA(41) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-30P-1C HIROSE-MDF76-30P-1C Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30S-1H(55) HIROSE-MDF76GW-30S-1H(55) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76LBRW-30S-1H(55) HIROSE-MDF76LBRW-30S-1H(55) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF76KBW-30P-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
   2.54 mm Wire-to-Board Connectors
03/22
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com