Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R0-60PS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN3R0-60PS
Description  N-channel 60 V 3.0 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R0-60PS Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN3R0-60PS Datasheet HTML 1Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 2Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 3Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 4Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 5Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 6Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 7Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 8Page - NXP Semiconductors PSMN3R0-60PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PSMN3R0-60PS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 23 November 2009
4 of 13
NXP Semiconductors
PSMN3R0-60PS
N-channel 60 V 3.0 m
Ω standard level MOSFET
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
see Figure 4
-
0.3
0.49
K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aad673
single shot
0.2
0.1
0.05
0.02
10−1
1
1
tp (s)
Zth
(K/W)
10−2
10−3
10−6
10−5
10−4
10−3
10−2
10−1
δ = 0.5
tp
tp
T
P
t
T
δ =


Similar Part No. - PSMN3R0-60PS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN3R0-60PS ISC-PSMN3R0-60PS Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R0-60PS NEXPERIA-PSMN3R0-60PS Datasheet
820Kb / 14P
   N-channel 60 V 3.0 mΩ standard level MOSFET
Rev. 02 - 28 October 2010
More results

Similar Description - PSMN3R0-60PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R0-60ES NXP-PSMN3R0-60ES Datasheet
246Kb / 13P
   N-channel 60 V 3.0 m廓 standard level MOSFET in I2PAK.
3 June 2014
PSMN015-60PS PHILIPS-PSMN015-60PS_11 Datasheet
197Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
PSMN015-60PS NXP-PSMN015-60PS Datasheet
242Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 02-22 February 2010
PSMN7R6-60PS NXP-PSMN7R6-60PS Datasheet
177Kb / 14P
   N-channel 60 V 7.8 m廓 standard level MOSFET
Rev. 02-22 January 2010
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN017-60YS NXP-PSMN017-60YS Datasheet
251Kb / 15P
   N-channel LFPAK 60 V 15.7 m廓 standard level MOSFET
Rev. 02-1 April 2010
logo
Nexperia B.V. All right...
BUK7K35-60E NEXPERIA-BUK7K35-60E Datasheet
747Kb / 13P
   Dual N-channel 60 V, 30 m廓 standard level MOSFET
BUK7K17-60E NEXPERIA-BUK7K17-60E Datasheet
763Kb / 13P
   Dual N-channel 60 V, 14 m廓 standard level MOSFET
logo
NXP Semiconductors
BUK7K52-60E PHILIPS-BUK7K52-60E_15 Datasheet
309Kb / 13P
   Dual N-channel 60 V, 45 m廓 standard level MOSFET
10 December 2013
BUK7K12-60E NXP-BUK7K12-60E Datasheet
333Kb / 13P
   Dual N-channel 60 V, 9.3 m廓 standard level MOSFET
11 December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com