Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591HB148M352DG Datasheet(PDF) 2 Page - Silicon Laboratories

Part # 591HB148M352DG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

591HB148M352DG Datasheet(HTML) 2 Page - Silicon Laboratories

  591HB148M352DG Datasheet HTML 1Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 2Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 3Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 4Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 5Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 6Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 7Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 8Page - Silicon Laboratories 591HB148M352DG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Si590/591
2
Preliminary Rev. 0.25
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Supply Voltage1
VDD
3.3 V option
2.97
3.3
3.63
V
2.5 V option
2.25
2.5
2.75
1.8 V option
1.71
1.8
1.89
Supply Current
IDD
Output enabled
LVPECL
CML
LVDS
CMOS
110
100
90
80
125
110
100
90
mA
Tristate mode
60
75
Output Enable (OE)2
VIH
0.75 x VDD
——
V
VIL
——
0.5
Operating Temperature Range
TA
–40
85
ºC
Notes:
1. Selectable parameter specified by part number. See Section 3. "Ordering Information" on page 6 for further details.
2. OE pin includes an internal 17 k
 pullup resistor to V
DD for output enable active high or a 17 k pull-down resistor to
GND for output enable active low. See 3. "Ordering Information" on page 6.
Table 2. CLK± Output Frequency Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Nominal Frequency1,2
fO
LVPECL/LVDS/CML
10
525
MHz
CMOS
10
160
Initial Accuracy
fi
Measured at +25 °C at time of
shipping
±1.5
ppm
Total Stability
Note 3, second option code “C”
±30
ppm
Note 4, second option code “B”
±50
ppm
Note 4, second option code “A”
±100
ppm
Temperature Stability
second option code “C”
±20
ppm
second option code “B”
±25
ppm
second option code “A”
±50
ppm
Powerup Time5
tOSC
——
10
ms
Notes:
1. See Section 3. "Ordering Information" on page 6 for further details.
2. Specified at time of order by part number.
3. Includes initial accuracy, temperature, shock, vibration, power supply and load drift, and 10 years aging at 40 °C. See
3. "Ordering Information" on page 6.
4. Includes initial accuracy, temperature, shock, vibration, power supply and load drift, and 15 years aging at 70 °C. See
3. "Ordering Information" on page 6.
5. Time from powerup or tristate mode to fO.


Similar Part No. - 591HB148M352DG

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2001-002 DIALIGHT-591-2001-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2001-002 DIALIGHT-591-2001-002 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-002 DIALIGHT-591-2001-002 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2001-002F DIALIGHT-591-2001-002F Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-002F DIALIGHT-591-2001-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
More results

Similar Description - 591HB148M352DG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
   CRYSTAL LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com