Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR34B-SC1-111 Datasheet(PDF) 10 Page - Hirose Electric

Part # HR34B-SC1-111
Description  Push-on Bayonet Lock Miniature Waterproof Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR34B-SC1-111 Datasheet(HTML) 10 Page - Hirose Electric

Back Button HR34B-SC1-111 Datasheet HTML 2Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 3Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 4Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 5Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 6Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 7Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 8Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 9Page - Hirose Electric HR34B-SC1-111 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
HR34B SeriesqPush-on Bayonet Lock Miniature Waterproof Connector
BReceptacle Contact Arrangement
note.1 View direction:Mating surface of pin insert.
note.2
mark is ground terminal.
10
8
7
4
3
12
6
5
9
1
23
9
56
2
13
47
810
4 pos.wire solder
10 pos.wire solder
10 pos.through hole
BHandling
BPrecautions
1. Mating
2. Un-mating
Holding the plug by the outer shell (A) align the arrow on the plug
with the alignment mark on the receptacle and push straight in.
Rotate the locking collar counter-clockwise to a full stop and un-
mate the plug from the receptacle.
Plug
Receptacle
Mating position alignment marks
A
B
Rotate counter-clockwise
Locking collar
1. When disconnecting or inserting the connector, be sure to do so after turning off the power.
2. To insert the connector, push it in until the arrow tip of the plug mating mark indicates the specified position of the diagram
below (i.e., the mating mark of the receptacle).
3. Note that the display method of the mating mark will differ depending on the receptacle.
4. To maintain the waterproof quality and cable clamp force, use a cable that is within the range of the applicable cable diameter.
5. Please consult Hirose Electric Sales for harness assembly procedure.
Center line of the connector
1 mm max.
Alignment mark
When completely mated and locked the alignment arrow on the plug must
line-up with the center line of the connector (alignment mark on the
receptacle).
If the alignment arrow and the center line of the connectors are not aligned
(1 mm max.) re-insert the plug until they are aligned.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HR34B-SC1-111

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B-SC1-111 HIROSE-HR34B-SC1-111 Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
More results

Similar Description - HR34B-SC1-111

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
   Small, Waterproof, Push-On Bayonet Lock Connectors
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
   Waterproof Bayonet Lock Connector for Power Supply
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
logo
Visual Communications C...
930 VCC-930 Datasheet
563Kb / 1P
   Miniature Bayonet lampholders
CM49 VCC-CM49 Datasheet
52Kb / 1P
   Miniature Bayonet Base
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
   Compact Bayonet Lock Coaxial Connector
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
   Compact Bayonet Lock Coaxial Connector
MBO-PA-001-CF DDK-MBO-PA-001-CF Datasheet
313Kb / 5P
   Bayonet-Lock Type Single-Conductor Optical Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com