Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3540A-16P-CV Datasheet(PDF) 1 Page - Hirose Electric

Part # 3540A-16P-CV
Description  Long-Life I/O Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

3540A-16P-CV Datasheet(HTML) 1 Page - Hirose Electric

  3540A-16P-CV Datasheet HTML 1Page - Hirose Electric 3540A-16P-CV Datasheet HTML 2Page - Hirose Electric 3540A-16P-CV Datasheet HTML 3Page - Hirose Electric 3540A-16P-CV Datasheet HTML 4Page - Hirose Electric 3540A-16P-CV Datasheet HTML 5Page - Hirose Electric 3540A-16P-CV Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
257
Long-Life I/O Connectors
3500 Series
These miniature, shielded interface connectors were designed for use with portable terminal equipment. They are
suited to a wide range of applications including hand-held terminals and PDA equipment because of excellent
insertion/removal durability (20,000 times).
OVERVIEW
(1) Long-life connectors have an insertion/removal life
of 20,000 cycles.
(2) The structure of the contacts is the highly reliable,
two-contact bellows type.
(3) The lock uses a snap-lock system which relieves
the stress that accompanies forceful removal,
making these connectors resistant to external
forces such as sudden pulls of the cable.
(4) Release of the lock is achieved with a simple
operation of the push buttons at the left and right
sides of the plug. A positive lock sensation is
provided by a click locking sound when the
connector engages.
(5) The miniature, lightweight design (i.e., about 2g for
a 16-conductor receptacle) makes these connectors
effective in reducing the overall size and weight of
terminal equipment.
(6) Use of a new box-bending structure for the metal
shell supports EMI protection and makes this a
tough connector.
(7) ESD protection is provided by the metal shell-not
the cover (unless it is metal plated).
(8) The board mounting system uses 0.8-mm spaced
single row SMT for easy mounting.
(9) Suitable boards can be from 0.8 to 1.6mm thick,
affording a wide selection of board thicknesses.
(10) There are two types of plug-side wiring systems,
the pressure welding type designed to save labor in
wiring, and the solder type which enables an
arbitrary selection of the type of cable.
FEATURES
Hand-held terminals, PDA equipment, notebook computers, mobile communications equipment, office automation
equipment, measuring instruments, etc.
APPLICATIONS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
04/2009


Similar Part No. - 3540A-16P-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
3540A-16P HIROSE-3540A-16P Datasheet
272Kb / 6P
   Long-Life I/O Connectors
3540A-16PR HIROSE-3540A-16PR Datasheet
272Kb / 6P
   Long-Life I/O Connectors
More results

Similar Description - 3540A-16P-CV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
3560-16SR HIROSE-3560-16SR Datasheet
272Kb / 6P
   Long-Life I/O Connectors
3560-24P-PG61 HIROSE-3560-24P-PG61 Datasheet
380Kb / 6P
   Long-Life I/O Connectors
3500 HIROSE-3500 Datasheet
389Kb / 6P
   Long-Life I/O Connectors
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
   Long Life, 2000hours
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com