Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591MA148M352DG Datasheet(PDF) 8 Page - Silicon Laboratories

Part # 591MA148M352DG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

591MA148M352DG Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button 591MA148M352DG Datasheet HTML 4Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 5Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 6Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 7Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 8Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 9Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 10Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 11Page - Silicon Laboratories 591MA148M352DG Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Si590/591
8
Preliminary Rev. 0.25
5. Si590/Si591 Mark Specification
Figure 3 illustrates the mark specification for the Si590/Si591. Table 11 lists the line information.
Figure 3. Mark Specification
Table 11. Si53x Top Mark Description
Line
Position
Description
1
1–10
“SiLabs”+ Part Family Number, 59x (First 3 characters in part number)
2
1–10
Si590, Si591: Option1 + Option2 + Freq(7) + Temp
Si590/Si591 w/ 8-digit resolution: Option1 + Option2 + ConfigNum(6) + Temp
3
Trace Code
Position 1
Pin 1 orientation mark (dot)
Position 2
Product Revision (D)
Position 3–6
Tiny Trace Code (4 alphanumeric characters per assembly release instructions)
Position 7
Year (least significant year digit), to be assigned by assembly site (ex: 2009 = 9)
Position 8–9
Calendar Work Week number (1–53), to be assigned by assembly site
Position 10
“+” to indicate Pb-Free and RoHS-compliant
SiLabs 123
12
3
4
5
6
R T T T T Y WW+
1234567890


Similar Part No. - 591MA148M352DG

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2001-002 DIALIGHT-591-2001-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2001-002 DIALIGHT-591-2001-002 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-002 DIALIGHT-591-2001-002 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2001-002F DIALIGHT-591-2001-002F Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
591-2001-002F DIALIGHT-591-2001-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
More results

Similar Description - 591MA148M352DG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
   CRYSTAL LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com