Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


W.FL-2LP-04N1T-A Datasheet(PDF) 1 Page - Hirose Electric

Part No. W.FL-2LP-04N1T-A
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 1 page
background image
1
Ultra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
W.FL Series
2009.2w
Occupied Mounting Area
U.FL Series
W.FL Series
U.FL-LP(V)-040
W.FL-LP-040
sFeatures
1. Nominal mated height of 1.4 mm (Max. 1.5 mm)
2. Small mounting area
The receptacle occupies an area of 3.4mm2.
3. Lightweight
Receptacle:
5.6 mg
Right-angle plug:
18.6 mg
4. Accepts high frequency transmission.
To meet the frequency requirements of a wide variety of
miniature devices, the connectors offer high frequency
performance from DC to 6 GHz, with a V.S.W.R. of
1.35max.
5. Automatic board placement
Packaged on tape-and-reel the receptacles can be
placed with vacuum nozzles of the automatic placement
equipment.
6. Plugs are terminated with ultra-fine coaxial
(fluorinated resin insulated) cable
Standard ultra-fine coaxial cable of 0.81 mm diameter
(single braid shielding) is used for the plug termination,
assuring secure and stable connections.
7. Simple connector mating / unmating
Use of available extraction tool assures correct
disconnection of the plug and receptacle.
8. Verification of the fully mated condition
Tactile click sensation confirms fully mated condition,
assuring complete electrical and mechanical connection.
sApplications
Cellular
phones,
PHS,
mobile
phones,
wireless
communication devices, electronic measuring instruments,
GPS, wireless LAN, Bluetooth and any application requiring
high frequency transmission using small coaxial connectors.
Mated height comparison (with U.FL Series)
2.85
Plug
W.FL-R-SMT-1
Receptacle
Cable
Dia. 0.81
W. FL Plug and Receptacle
Up to 6 GHz Transmission Speed
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl