Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCLT1000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCLT1000
Description  Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1000 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCLT1000 Datasheet HTML 1Page - Vishay Siliconix TCLT1000 Datasheet HTML 2Page - Vishay Siliconix TCLT1000 Datasheet HTML 3Page - Vishay Siliconix TCLT1000 Datasheet HTML 4Page - Vishay Siliconix TCLT1000 Datasheet HTML 5Page - Vishay Siliconix TCLT1000 Datasheet HTML 6Page - Vishay Siliconix TCLT1000 Datasheet HTML 7Page - Vishay Siliconix TCLT1000 Datasheet HTML 8Page - Vishay Siliconix TCLT1000 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83515
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.2, 21-Nov-07
3
TCLT10..Series
Optocoupler, Phototransistor Output,
SOP-4L, Long Mini-Flat Package
Vishay Semiconductors
Note
According to DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending (see figure 1). This optocoupler is suitable for safe electrical isolation
only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
TCLT1000
CTR
50
600
%
VCE = 5 V, IF = 10 mA
TCLT1002
CTR
63
125
%
TCLT1003
CTR
100
200
%
VCE = 5 V, IF = 1 mA
TCLT1002
CTR
22
45
%
TCLT1003
CTR
34
70
%
TCLT1004
CTR
56
100
%
VCE = 5 V, IF = 5 mA
TCLT1005
CTR
50
150
%
TCLT1006
CTR
100
300
%
TCLT1007
CTR
80
160
%
TCLT1008
CTR
130
260
%
TCLT1009
CTR
200
400
%
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
130
mA
OUTPUT
Power dissipation
Pdiss
265
mW
COUPLER
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
2kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
1.68
kV
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω


Similar Part No. - TCLT1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1000 VISHAY-TCLT1000 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1000 VISHAY-TCLT1000 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1000 VISHAY-TCLT1000 Datasheet
344Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1000 VISHAY-TCLT1000 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Similar Description - TCLT1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
Rev. 2.5, 13-Oct-15
TCLT100 VISHAY-TCLT100_V01 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLD1000 VISHAY-TCLD1000_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLD1000 VISHAY-TCLD1000_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLD1000 VISHAY-TCLD1000_08 Datasheet
139Kb / 7P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
Rev. 1.8, 09-Jan-08
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 1.8, 03-Dec-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com