Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF10-WBR-11S Datasheet(PDF) 8 Page - Hirose Electric

Part # LF10-WBR-11S
Description  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF10-WBR-11S Datasheet(HTML) 8 Page - Hirose Electric

Back Button LF10-WBR-11S Datasheet HTML 3Page - Hirose Electric LF10-WBR-11S Datasheet HTML 4Page - Hirose Electric LF10-WBR-11S Datasheet HTML 5Page - Hirose Electric LF10-WBR-11S Datasheet HTML 6Page - Hirose Electric LF10-WBR-11S Datasheet HTML 7Page - Hirose Electric LF10-WBR-11S Datasheet HTML 8Page - Hirose Electric LF10-WBR-11S Datasheet HTML 9Page - Hirose Electric LF10-WBR-11S Datasheet HTML 10Page - Hirose Electric LF10-WBR-11S Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
LF Series
Miniature Waterproof Shielded Connectors
No.
4
Soldering
1
Insulator
Contact
Wire
Cmm
Heat-shrink tubing
– 1
2
3
2
– 2 3, 4, 11
(No.A∼D) Conductors
2
3
Insulator
Insulator wall
Insulator
0.5 mm min.
Wire insulation
– 2
Wire insulation
Shielding mesh
(Folded back)
Insulator wall
Contact
Contact
Solder
D
Cable outer jacket
After the soldering, keep a distance of
D
between the contact end and the cable’s
outer jacket as illustrated.
Soldering conditions
Soldering iron tip temperature: 350±10ç
Soldering time: within 5 sec.
Note
(1)
(2)
Assure that the solder compound is
sufficiently melted on the soldering iron tip.
When applying, make sure that the solder will
flow correctly at all the contact surfaces
between the conductor and the contact.
2 – 1 6, 12, 20, 11(No.1∼7) Conductors
(1)
(2)
(3)
Place a heat-shrink tubing (inside diameter of
1.1 mm min.) over every other wire.
Perform the soldering of the contact and the
conductor, with the wire’s insulation touching
the contact as shown.
After soldering, slide the heat shrink tubing
over the soldered joint and shrink it. The
tubing should touch the insulator as shown.
(1)
(2)
Perform the soldering of the contact and the
conductor, with the wire’s insulation touching
the contact as illustrated.
When soldering, to maintain the insulation
between adjacent contacts. Make sure that
the wire’s insulation remains below the edge
of the insulator’s wall 0.5 mm min., as
illustrated.
Note
The distance of
D is required in order to
assure correct assembly of the backshell.
Illustration
Operation
Number of Conductors
3
6
D mm
6 to 7
4
18 to 19
12
10 to 11
13 to 14
11
20
Table 4. Wire Dimensions
C mm
12
6
4
4
6
4
6
6
4
1 to 6
1 to 9
10 to 12
1 to 5,16 to 20
6 to 15
1 to 4
5 to 7
20
11
Table 3
Number of
Conductors
Number of
contacts
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LF10-WBR-11S

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LF10 CALIBER-LF10 Datasheet
46Kb / 1P
   1.2mm 2 Pin Ceramic Surface Mount Crystal
logo
Tyco Electronics
LF10 MACOM-LF10 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF100 MACOM-LF100 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF1000C MACOM-LF1000C Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
LEM
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
   Current Transducer LF 1005-S
More results

Similar Description - LF10-WBR-11S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com