Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP105-PX50-3 Datasheet(PDF) 4 Page - Hirose Electric

Part # AP105-PX50-3
Description  Power Supply Connectors For Industrial Equipment
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AP105-PX50-3 Datasheet(HTML) 4 Page - Hirose Electric

  AP105-PX50-3 Datasheet HTML 1Page - Hirose Electric AP105-PX50-3 Datasheet HTML 2Page - Hirose Electric AP105-PX50-3 Datasheet HTML 3Page - Hirose Electric AP105-PX50-3 Datasheet HTML 4Page - Hirose Electric AP105-PX50-3 Datasheet HTML 5Page - Hirose Electric AP105-PX50-3 Datasheet HTML 6Page - Hirose Electric AP105-PX50-3 Datasheet HTML 7Page - Hirose Electric AP105-PX50-3 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
B
Dimensions For Circuit Board
Installation(For your reference) t=1.6~2.4
✽ Where t=1.6 (Setting value depends on thickness of boards.)
B
PCB mounting pattern
q
4Position/2 Row Type
terminal No.1
terminal No.4
terminal No.5
terminal No.8
Label space size 17.2∞10.2
R
S
8
1
4
D
25.2
21.2
22.8
8
6.7
A
A
D
5
3.4
10.2
11.4
3.8
8.4
terminal No.6
terminal No.5
terminal No.2
terminal No.1
(through-hole)
terminal No.8
terminal No.7
terminal No.4
terminal No.3
connector position
10.2
P= 3.4
8-Ø1.4
(through-hole)
22.8
board end
1.5
Part No.
PX10-AD4WP(50)
CL No.
236-0005-0-50
RoHS
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - AP105-PX50-3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AP105-A3B-2630S HIROSE-AP105-A3B-2630S Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
AP105-A3B-3236S HIROSE-AP105-A3B-3236S Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
AP105-DF11-22S HIROSE-AP105-DF11-22S Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
AP105-DF11-2428S HIROSE-AP105-DF11-2428S Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
AP105-DF11-30S HIROSE-AP105-DF11-30S Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results

Similar Description - AP105-PX50-3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Vitec Power
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
   40W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA25B Vitec-SIDA25B Datasheet
389Kb / 2P
   25W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com