Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL346ACCZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL346ACCZ-RL7
Description  3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADXL346ACCZ-RL7 Datasheet HTML 1Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL346ACCZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
3-Axis, ±2 g/±4 g/±8 g/±16 g
Ultralow Power Digital Accelerometer
ADXL346
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow power: as low as 23 μA in measurement mode and
0.2 μA in standby mode at VS = 2.6 V (typical)
Power consumption scales automatically with bandwidth
User-selectable resolution
Fixed 10-bit resolution
Full resolution, where resolution increases with g range,
up to 13-bit resolution at ±16 g (maintaining 4 mg/LSB
scale factor in all g ranges)
Patent pending, embedded memory management system
with FIFO technology minimizes host processor load
Single-tap/double-tap detection
Activity/inactivity monitoring
Free-fall detection
Concurrent four- and six-position orientation detection
Supply and I/O voltage range: 1.7 V to 2.75 V
SPI (3- and 4-wire) and I2C digital interfaces
Flexible interrupt modes mappable to either interrupt pin
Measurement ranges selectable via serial command
Bandwidth selectable via serial command
Wide temperature range (−40°C to +85°C)
10,000 g shock survival
Pb free/RoHS compliant
Small and thin: 3 mm × 3 mm × 0.95 mm LGA package
APPLICATIONS
Handsets
Medical instrumentation
Gaming and pointing devices
Industrial instrumentation
Personal navigation devices
Hard disk drive (HDD) protection
GENERAL DESCRIPTION
The ADXL346 is a small, thin, ultralow power, 3-axis accelerometer
with high resolution (13-bit) measurement at up to ±16 g. Digital
output data is formatted as 16-bit twos complement and is acces-
sible through either an SPI (3- or 4-wire) or I2C® digital interface.
The ADXL346 is well suited for mobile device applications. It
measures the static acceleration of gravity in tilt-sensing appli-
cations, as well as dynamic acceleration resulting from motion
or shock. Its high resolution (4 mg/LSB) enables measurement
of inclination changes of less than 1.0°.
Several special sensing functions are provided. Activity and
inactivity sensing detect the presence or lack of motion by
comparing the acceleration on any axis with user-set thresholds.
Tap sensing detects single and double taps in any direction. Free-
fall sensing detects if the device is falling. Orientation detection
is capable of concurrent four- and six-position sensing and a
user-selectable interrupt on orientation change for 2D or 3D
applications. These functions can be mapped individually to
either of two interrupt output pins. An integrated, patent pending
memory management system with 32-level first in, first out (FIFO)
buffer can be used to store data to minimize host processor activity
and lower overall system power consumption.
Low power modes enable intelligent motion-based power
management with threshold sensing and active acceleration
measurement at extremely low power dissipation.
The ADXL346 is supplied in a small, thin, 3 mm × 3 mm ×
0.95 mm, 16-lead, plastic package.
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
SENSE
ELECTRONICS
DIGITAL
FILTER
ADXL346
POWER
MANAGEMENT
CONTROL
AND
INTERRUPT
LOGIC
SERIAL I/O
INT1
VS
VDD I/O
INT2
SDA/SDI/SDIO
SDO/ALT
ADDRESS
SCL/SCLK
GND
ADC
32-LEVEL
FIFO
CS
Figure 1.


Similar Part No. - ADXL346ACCZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346BCCZ AD-ADXL346BCCZ Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346BCCZ-RL AD-ADXL346BCCZ-RL Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346BCCZ-RL7 AD-ADXL346BCCZ-RL7 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
More results

Similar Description - ADXL346ACCZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com