Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR31-5.08P-5SD Datasheet(PDF) 4 Page - Hirose Electric

Part # HR31-5.08P-5SD
Description  Interface Connectors for Factory Automation Network
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR31-5.08P-5SD Datasheet(HTML) 4 Page - Hirose Electric

  HR31-5.08P-5SD Datasheet HTML 1Page - Hirose Electric HR31-5.08P-5SD Datasheet HTML 2Page - Hirose Electric HR31-5.08P-5SD Datasheet HTML 3Page - Hirose Electric HR31-5.08P-5SD Datasheet HTML 4Page - Hirose Electric HR31-5.08P-5SD Datasheet HTML 5Page - Hirose Electric HR31-5.08P-5SD Datasheet HTML 6Page - Hirose Electric HR31-5.08P-5SD Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
s Receptacle (Right angle through hole type with screw lock)
HR31-5.08R-5PDL
Contact plating
35.5
12
7.5
10
12
45
3
Black
Green
Gold
With
Without
With
Without
YES
131-0001-0-72
131-0001-0-74
131-0001-0-75
131-0001-0-76
4g
HR31-5.08R-5PDL(72)
HR31-5.08R-5PDL(74)
HR31-5.08R-5PDL(75)
HR31-5.08R-5PDL(76)
Part No.
CL No.
Weight
Color
Contact plating
Board retention pin
RoHS
Receptacle (Right angle through hole type without screw lock)
HR31-5.08RA-5PDL
10.25
12
Contact plating
10
27.4
12
4
5
3
131-0008-9-72
131-0008-9-74
131-0008-9-75
131-0008-9-76
2g
HR31-5.08RA-5PDL(72)
HR31-5.08RA-5PDL(74)
HR31-5.08RA-5PDL(75)
HR31-5.08RA-5PDL(76)
Part No.
CL No.
Weight
BPCB mounting pattern
q With screw lock
q Without screw lock
Black
Green
Gold
With
Without
With
Without
YES
Color
Contact plating
Board retention pin
RoHS
Note: Dia. 2.3 through hole is not required on the board when using connectors without the retention pin.
5-Ø1.6
+0.1 (Through
hole)
15.24±0.05
15.24±0.05
5.08±0.05
10.16±0.05
10.16±0.05
5.08±0.05
Connector mounting side
2-Ø2.3
+0.1
0
(Through
hole)
(Note)
(Board thickness =1.6)
0
2-
Ø2.3
+0.1
(Through
hole)
12.6±0.05 12.6±0.05
5.08±0.05
10.16±0.05
10.16±0.05
5.08±0.05
Connector mounting side
5-
Ø1.6
+0.1
0
(Through
hole)
(Note)
(Board thickness =1.6)
0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR31-5.08P-5SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08P-5SD HIROSE-HR31-5.08P-5SD Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31-5.08P-5SDL HIROSE-HR31-5.08P-5SDL Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
More results

Similar Description - HR31-5.08P-5SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
   Plasma display panel High Speed Interface Factory Automation
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Lumberg
ASBSM4-LED3 LUMBERG-ASBSM4-LED3 Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com