Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR30-6R-10SC Datasheet(PDF) 2 Page - Hirose Electric

Part # HR30-6R-10SC
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6R-10SC Datasheet(HTML) 2 Page - Hirose Electric

  HR30-6R-10SC Datasheet HTML 1Page - Hirose Electric HR30-6R-10SC Datasheet HTML 2Page - Hirose Electric HR30-6R-10SC Datasheet HTML 3Page - Hirose Electric HR30-6R-10SC Datasheet HTML 4Page - Hirose Electric HR30-6R-10SC Datasheet HTML 5Page - Hirose Electric HR30-6R-10SC Datasheet HTML 6Page - Hirose Electric HR30-6R-10SC Datasheet HTML 7Page - Hirose Electric HR30-6R-10SC Datasheet HTML 8Page - Hirose Electric HR30-6R-10SC Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
sProduct Specifications
sMaterial
Ratings
Current rating
Voltage rating
5A (3 pos.)
2A (6,10,12 pos.)
100V AC,140V DC(3,6 pos.)
30V AC,42V DC(10,12 pos.)
-25
ç to +85ç
-25
ç to +85ç
Operation Temperature Range
StorageTemperature Range
1000M ohms min.
No flashover or insulation breakdown
Insulation resistance 100 M ohms min.
No penetration inside.
Insulation resistance
10M ohms min. (when humidity high)
100M ohms min. (when dry)
Contact resistance 10m ohms min.(3 pos.)
Contact resistance 30m ohms min. (Solder type: 6, 10, and 12 pos.)
Contact resistance 100m ohms min. (Through hole type: 6 and 12 pos.)
No electrical discontinuity of 10 µs or more
5m ohms max. (3 pos.)
15m ohms max. (Solder type: 6, 10, and 12 pos.)
30m ohms max. (Through hole type: 6 and 12 pos.)
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
1 cycle= 5min, 10 cycles in each of the 3 directions.
1A DC
100 V DC
300 V AC / one minute
1000 cycles
96 hours at temperature of 40ohmsC and humidity of 90% to 95%
1.Contact resistance
2.Insulation resistance
3.Withstanding voltage
4.Vibration
5.Durability (mating/un-mating)
6.Temperature cycle
7.Humidity resistance
8.Waterproof performance
9.Dust protection
Characteristic
Conditions
Specification
Remarks
UL94V-0
UL94V-0
----------
----------
----------
----------
UL94V-0
----------
----------
----------
----------
----------
Material
PPS
PBT
Polyacetal
Silicone rubber, chloroprene rubber
Brass, phosphor bronze
Stainless steel
PPS
Chloroprene rubber
Brass, phosphor bronze
Zinc alloy
Phosphor bronze
Phosphor bronze
Finish
Assembly
Component
Plug
Insulator
Gasket
Contacts
Spring
Insulator
Gasket
Contacts
Hexagonal nut
Washer
Contacts
Receptacles
Crimp contact
(male/female)
Black
Black
Natural
Red/Black
Gold plated
----------
Black
Black
Gold plated
Chromate
Nickel plated
Selective gold plated
sOrdering information
HR 3 0 - 6 P A - 6 S C (
*
* *
*)
1
5
2
3
4
6
7
8
Series name
: HR30
1
Number of Contacts : 3, 6, 10 and 12
Contact type
S
: Female contact
P
: Male contact
Contact wiring type
Blank : Solder
C
: Crimping
D
: Through hole
Plating
(71) : Gold plated (Except caps)
5
6
7
8
2
3
4
Shell size
: Outside diameter/plug mating side
Connector type : P : Plug
Connector type : R : Receptacle
Connector type : J : Jack
Variation
Blank : Standard
A
: Fine wire
(-55
ç: 30 minutes ¡ Room temperature: 10 to 15 minutes ¡ +85ç: 30
minutes ¡ Room temperature: 10 to 15 minutes) for 5 cycles
While mated with corresponding or protective cap submerged at
depth of 1m for half hour.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-6R-10SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6R-10SC HIROSE-HR30-6R-10SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6R-10SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com