Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP172_101 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP172_101
Description  300 mA, Low Quiescent Current CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP172_101 Datasheet(HTML) 1 Page - Analog Devices

  ADP172_101 Datasheet HTML 1Page - Analog Devices ADP172_101 Datasheet HTML 2Page - Analog Devices ADP172_101 Datasheet HTML 3Page - Analog Devices ADP172_101 Datasheet HTML 4Page - Analog Devices ADP172_101 Datasheet HTML 5Page - Analog Devices ADP172_101 Datasheet HTML 6Page - Analog Devices ADP172_101 Datasheet HTML 7Page - Analog Devices ADP172_101 Datasheet HTML 8Page - Analog Devices ADP172_101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
300 mA, Low Quiescent Current,
CMOS Linear Regulator
ADP172
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum output current: 300 mA
Input voltage range: 1.6 V to 3.6 V
Low quiescent current
IGND = 23 μA with 0 mA load
IGND = 170 μA with 300 mA load
Low shutdown current: <1 μA
Low dropout voltage: 50 mV at 300 mA load
Output voltage accuracy: ±1%
Up to 31 fixed-output voltage options available
from 0.8 V to 3.0 V
Accuracy over line, load, and temperature: ±3%
Stable with small 1 μF ceramic output capacitor
PSRR performance of 70 dB at 10 kHz and 73 dB at 1 kHz
Low noise: 30 μV rms at VOUT = 0.8 V
Current limit and thermal overload protection
Logic-controlled enable
Tiny 4-ball, 0.5 mm pitch WLCSP package
APPLICATIONS
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
DSP/FPGA/microprocessor supplies
Post dc-to-dc regulation
TYPICAL APPLICATION CIRCUITS
VIN = 2.3V
VOUT = 1.8V
C1
C2
VIN
EN
U1
VOUT
GND
OFF
ON
Figure 1. ADP172 with Fixed Output Voltage, 1.8 V
GENERAL DESCRIPTION
The ADP172 is a low voltage input, low quiescent current, low-
dropout (LDO) linear regulator that operates from 1.6 V to 3.6 V
and provides up to 300 mA of output current. The low 50 mV
dropout voltage at 300 mA load improves efficiency and allows
operation over a wide input voltage range. The low 23 μA of
quiescent current at no load makes the ADP172 ideal for
battery-operated portable equipment.
The ADP172 is capable of 31 fixed-output voltage options, ranging
from 0.8 V to 3.0 V. The ADP172 is optimized for stable operation
with small 1 μF ceramic output capacitors. Ideal for powering
digital processors, the ADP172 exhibits good transient perform-
ance and occupies minimal board space. Compared with
commodity-type LDOs, the ADP172 provides 20 dB to 40 dB
better power supply rejection ratio (PSRR) at 100 kHz, making the
ADP172 an ideal power source for analog-to-digital converter
(ADC) mixed-signal processor systems and allowing use of
smaller size bypass capacitors. In addition, low output noise
performance without the need for an additional bypass capacitor
further reduces printed circuit board (PCB) component count.
Short-circuit protection and thermal overload protection circuits
prevent damage in adverse conditions. The ADP172 is available
in a tiny 4-ball, 0.5 mm pitch WLCSP for the smallest footprint
solution to meet a variety of portable power applications.


Similar Part No. - ADP172_101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP172_101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
STMicroelectronics
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com