Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR34B-12WPA-10SC-X Datasheet(PDF) 3 Page - Hirose Electric

Part # HR34B-12WPA-10SC-X
Description  Push-on Bayonet Lock Miniature Waterproof Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR34B-12WPA-10SC-X Datasheet(HTML) 3 Page - Hirose Electric

  HR34B-12WPA-10SC-X Datasheet HTML 1Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 2Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 3Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 4Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 5Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 6Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 7Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 8Page - Hirose Electric HR34B-12WPA-10SC-X Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HR34B SeriesqPush-on Bayonet Lock Miniature Waterproof Connector
Number of contact : Number of contacts.
(Excluding ground contacts)
Contact type
S : Female wire solder
SC : Female crimp
Keying
Blank : Standard
X
: X key position
Other specifications : 2 numerical digits wil be added when there
is a specifications change other than
shown in positions
q to u
sOrdering information
HR34B - 12 WP A - 10 S - X (
*
**
*)
1
5
2
3
4
6
7
8
qPlugs
Series name
: HR34B Series
Shell size
: Diameter(mm) of the mating interface of the plug
Shell style
WP : Straight plug
WLP : Right-angle plug
Conduit material and Applicable cable size
A:Conduit material metal, Applicable cable Ø5.3~7.3
B:Conduit material metal, Applicable cable Ø6.5~8.0
D:Conduit material plastic, Applicable cable Ø5.7~7.3
E:Conduit material plastic, Applicable cable Ø6.5~8.0
K:Conduit material metal, Applicable cable Ø8.0~9.0(under development)
1
5
6
7
8
2
3
4
Number of contact : Number of contacts.
(Excluding ground contacts)
Contact type
P : Male,wire solder
PD : Male,through hole contact
Keying
Blank : Standard
X
: X key position
Other specifications : 2 numerical digits wil be added when there
is a specification change other than shown
in positions
q to u
HR34B - 12 WR A - 10 P - X (
*
**
*)
1
5
2
3
4
6
7
8
qReceptacles
Series name
: HR34B Series
Shell size
: Diameter(mm) of the mating interface of the plug
Shell style
WR : Receptacl
Shell type
Blank : Rectangular flange type for 10 positions
A : Square flange for 10 positions
B : Square flange for 4 positions
1
5
6
7
8
2
3
4
Conductor size : AWG#20 - 25
Plating
1:Gold plated
HR34B - SC1 - 2 1 1
1
2
4
3
5
qCrimp contacts
Series name
: HR34B Series
Contact style
: SC1:Female contact
Contact type
1 : 100pcs.per bag
2 : 10,000pcs per reel
1
4
5
2
3
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HR34B-12WPA-10SC-X

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B-12WPA-10SC HIROSE-HR34B-12WPA-10SC Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
More results

Similar Description - HR34B-12WPA-10SC-X

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
   Small, Waterproof, Push-On Bayonet Lock Connectors
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
   Waterproof Bayonet Lock Connector for Power Supply
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
logo
Visual Communications C...
930 VCC-930 Datasheet
563Kb / 1P
   Miniature Bayonet lampholders
CM49 VCC-CM49 Datasheet
52Kb / 1P
   Miniature Bayonet Base
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
   Compact Bayonet Lock Coaxial Connector
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
   Compact Bayonet Lock Coaxial Connector
MBO-PA-001-CF DDK-MBO-PA-001-CF Datasheet
313Kb / 5P
   Bayonet-Lock Type Single-Conductor Optical Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com