Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMD63C03XTA Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXMD63C03XTA
Description  30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63C03XTA Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXMD63C03XTA Datasheet HTML 3Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 4Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 5Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 6Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 7Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 8Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 9Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 10Page - Zetex Semiconductors ZXMD63C03XTA Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P-CHANNEL CHARACTERISTICS
0.1
10
100
24
6
0.1
1
10
0.2
1.4
200
50
-100
0.1
100
-VDS - Drain-Source Voltage (V)
Output Characteristics
0.1
10
100
-VGS
10V
VDS=-10V
10
1
0.1
-VGS - Gate-Source Voltage (V)
Typical Transfer Characteristics
10
1
0.1
-ID - Drain Current (A)
On-Resistance v Drain Current
100
-VGS
0.1
-VDS - Drain-Source Voltage (V)
Output Characteristics
2
1
0
Tj - Junction Temperature (°C)
Normalised RDS(on) and VGS(th)
v Temperature
10
0.1
0.01
-VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward Voltage
T=150°C
T=25°C
+150°C
T=150°C
VGS=-10V
T=25°C
RDS(on)
ID=-1.2A
VGS=VDS
ID=-250uA
VGS(th)
5V
4.5V
4V
3.5V
3V
2.5V
8V
6V
7V
1
1
1
10
10V 8V 7V 6V
5V
4.5V
4V
3.5V
3V
2.5V
10
1
+25° C
1.5
0.5
150
0
100
-50
3.5
5.5
2.5
3
4.5
5
VGS=-3V
VGS=-4.5V
VGS=-10V
0.4
1.0
0.8
1.2
0.6
1
ZXMD63C03X
21
PROVISIONAL ISSUE A - JUNE 1999


Similar Part No. - ZXMD63C03XTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63C03XTA ZETEX-ZXMD63C03XTA Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03XTA DIODES-ZXMD63C03XTA Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD63C03XTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X_15 Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X_05 Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com