Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMD63C03X Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXMD63C03X
Description  30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63C03X Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXMD63C03X Datasheet HTML 1Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 2Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 3Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 4Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 5Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 6Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 7Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 8Page - Zetex Semiconductors ZXMD63C03X Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Top View
P-CHANNEL
SUMMARY
N-CHANNEL: V(BR)DSS=30V; RDS(ON)=0.135 ; ID=2.3A
P-CHANNEL: V(BR)DSS=-30V; RDS(ON)=0.185 ; ID=-2.0A
DESCRIPTION
This new generation of high density MOSFETs from Zetex utilises a unique
structure that combines the benefits of low on-resistance with fast switching
speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• Low profile SOIC package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Disconnect switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZXMD63C03XTA
7
12mm embossed
1000 units
ZXMD63C03XTC
13
12mm embossed
4000 units
DEVICE MARKING
• ZXM63C03
30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
MSOP8
ZXMD63C03X
N-CHANNEL
13
PROVISIONAL ISSUE A - JUNE 1999


Similar Part No. - ZXMD63C03X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03XTA ZETEX-ZXMD63C03XTA Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03XTA DIODES-ZXMD63C03XTA Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03XTC ZETEX-ZXMD63C03XTC Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMD63C03X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X_15 Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63C03X ZETEX-ZXMD63C03X_05 Datasheet
638Kb / 11P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63C03X DIODES-ZXMD63C03X Datasheet
384Kb / 12P
   30V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
   30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Zetex Semiconductors
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
   DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
   DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com