Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP34L-5PA-2SC Datasheet(PDF) 2 Page - Hirose Electric

Part # RP34L-5PA-2SC
Description  Low Profile Connectors for AC power supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP34L-5PA-2SC Datasheet(HTML) 2 Page - Hirose Electric

  RP34L-5PA-2SC_1 Datasheet HTML 1Page - Hirose Electric RP34L-5PA-2SC_1 Datasheet HTML 2Page - Hirose Electric RP34L-5PA-2SC_1 Datasheet HTML 3Page - Hirose Electric RP34L-5PA-2SC_1 Datasheet HTML 4Page - Hirose Electric RP34L-5PA-2SC_1 Datasheet HTML 5Page - Hirose Electric RP34L-5PA-2SC_1 Datasheet HTML 6Page - Hirose Electric RP34L-5PA-2SC_1 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
1A DC
100V DC
150V AC/1 minute
10~55Hz, one-sided amplitude 0.75mm, 3 directions for 2hours, respectively
-55ç for 30 min./normal temp. for 10~15 min./+85ç
for 30 min./normal temp. for 10~15 min. 5 cycles
5% salt water solution, 48 hours
5,000 mating / un-mating
sProduct Specifications
sMaterial
Ratings
Current rating
Voltage rating
5A
30V AC, 42A DC
Operating temp. range
Storage temp. range
-25ç~+85ç
-10ç~+60ç
Item
5.Temperature cycle
6.Salt spray
7.Durability
Specification
30mø or max.
1000mø min.
No flashover or insulation breakdown
No electric disconnection of 10µs or more
Insulation resistance:100mø min.
Contact resistance:60mø max.
No corrosions
Conditions
Series name: RP34L
Shell: Shell.size, 5
Type:
Receptacle: R
Assembled straight plug: P
Assembled right angle plug: LP
Cable ass'y, straight plug: PA
Number of contacts:
2, 3
Type of contact:
PD: through hole male contact
SC: crimp female contact
Cable length:(✽✽✽✽) depends on
each cable (mm).
1
4
5
6
2
3
1
2
4
3
5
6
sOrdering information
Component
2 pos.
2 pos.
3 pos.
3 pos.
Metal comp.
Insulator
Contacts
Cover
Insulator
Contacts
Metal comp.
Insulator
Contacts
Insulator
Contacts
Cover
Phosphor bronze
Nylon
Brass
Vinyl chloride
Nylon
Phosphor bronze
Phosphor bronze
PPS
Brass
Polycarbonate
Vinyl chloride
PPS
Phosphor bronze
Solder-plating
Black
Palladium-plating
Black
Black
Solder-plating
Black
Palladium-plating
Black
Black
Black
Palladium-plating
---------------
UL94HB
---------------
UL94V-0
UL94HB
---------------
---------------
UL94V-0
---------------
UL94V-0
UL94V-0
UL94V-0
---------------
Remarks
Finish / Color
Material
1.Contact resistance
2.Insulation resistance
3.Withstanding voltage
4.Vibration
RP34L - 5 PA - 2 SC
(✽✽✽✽ )
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - RP34L-5PA-2SC_1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP34L-5PA-2SC1857 HIROSE-RP34L-5PA-2SC1857 Datasheet
366Kb / 7P
   Low Profile Connectors for AC power supply
More results

Similar Description - RP34L-5PA-2SC_1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC Datasheet
366Kb / 7P
   Low Profile Connectors for AC power supply
logo
Recom International Pow...
RAC02-C RECOM-RAC02-C Datasheet
81Kb / 2P
   Ultracompact Low Profile AC-DC Power Supply
logo
Hirose Electric
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
   Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
logo
Wall Industries,Inc.
PSSUU100 WALL-PSSUU100 Datasheet
100Kb / 2P
   AC/DC Power Supply for I.T.E.
logo
NTE Electronics
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
   AC Power Supply for EL Wire
logo
B&K Precision Corporati...
1655A BK-1655A Datasheet
322Kb / 1P
   AC Power Supply
logo
Pepperl+Fuchs Inc.
PSU1200-J2-AC-N0 PF-PSU1200-J2-AC-N0 Datasheet
519Kb / 3P
   AC Power Supply
PSU1100-J1-AC-N0 PF-PSU1100-J1-AC-N0 Datasheet
519Kb / 3P
   AC Power Supply
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com