Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5514AZCHA10 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C5514AZCHA10
Description  TMS320C5514 Fixed-Point Dight Signal Processor
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C5514AZCHA10 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C5514AZCHA10 Datasheet HTML 2Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 3Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 4Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 5Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 6Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 7Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 8Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 9Page - Texas Instruments TMS320C5514AZCHA10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 144 page
background image
TMS320C5514
SPRS646A – JANUARY 2010 – REVISED MARCH 2010
www.ti.com
2
Revision History
This data manual revision history highlights the technical changes made to the SPRS646 device-specific
data manual to make it an SPRS646A revision.
Scope: Applicable updates to the TMS320C5000 device family, specifically relating to the TMS320C5514
device (Silicon Revisions 2.0) which is now in the production data (PD) stage of development have been
incorporated.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Updated/Changed 1.05-V Core I/O voltage from "2.8" to "2.75" V
Updated/Changed 1.3-V Core I/O voltage from "2.8" to "2.75" V
Section 1.1
Updated/Changed 1.05-V Core I/O voltage from "2.8" to "2.75" V
Features
Updated/Changed 1.3-V Core I/O voltage from "2.8" to "2.75" V
Added 2.75 V to SDRAM/mSDRAM bullet
Section 3.1
Table 3-1, Characteristics of the C5514 Processor:
Device Characteristics
Updated/Changed JTAGID Register value from "0000 702F" to "0x1B8F E02F"
Updated/Changed Voltage, I/O (V), from “2.8” to “2.75” mA
Updated/Changed DSP_LDO max current from “TBD” to “250” mA
Updated/Changed ANA_LDO max current from “TBD” to “4” mA
Updated/Changed USB_LDO max current from “TBD” to “25” mA
Section 3.5
Table 3-13, USB2.0 Terminal Functions:
Terminal Functions
Updated/Changed the description column for the USB_MXI, USB_MXO, and USB_VSSOSC signal names
Table 3-17, Regulators and Power Management Terminal Functions:
Updated/Changed the description column for the following signal names: DSP_LDOO, USB_LDOO, and
ANA_LDOO
Table 3-19, Supply Voltage Terminal Functions:
Updated/Changed the description column for the following signal names: DVDDIO, DVDDEMIF, CVDDRTC
and DVDDRTC
Table 3-20, Ground Terminal Functions:
Updated/Changed the description column for the VSSRTC signal name
Section 3.6.2
, Device Nomenclature:
Device and
Updated/Changed figure
Development-Support Tool
Nomenclature
Section 4
Section 4.2, Power Considerations:
Device Configuration
Updated/Changed third bullet
Section 4.2.1.2, LDO Outputs:
Updated/Changed “The ANA_LDOO…” paragraph
Updated/Changed “The DSP_LDOO…” paragraph
Updated/Changed “The USB_LDOO…” paragraph
Section 4.4
Figure 4-3, Bootloader Software Architecture:
Boot Sequence
Updated/Changed the figure
Section 4.6
Section 4.6.6, Output Slew Rate Control Register (OSRCR) [1C16h]:
Configurations After Reset
Updated/Changed last sentence in paragraph
6
Revision History
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C5514


Similar Part No. - TMS320C5514AZCHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514AZCHA10 TI-TMS320C5514AZCHA10 Datasheet
927Kb / 138P
[Old version datasheet]   TMS320C5514 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5514AZCHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514 TI-TMS320C5514 Datasheet
927Kb / 138P
[Old version datasheet]   TMS320C5514 Fixed-Point Digital Signal Processor
SMJ320C6203 TI-SMJ320C6203 Datasheet
1Mb / 10P
[Old version datasheet]   FIXED POINT SIGNAL PROCESSOR
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com