Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMD63C02X Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXMD63C02X
Description  20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMD63C02X Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXMD63C02X Datasheet HTML 3Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 4Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 5Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 6Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 7Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 8Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 9Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 10Page - Zetex Semiconductors ZXMD63C02X Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
P-CHANNEL
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-20
V
ID=-250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS=-20V, VGS=0V
Gate-Body Leakage
IGSS
±100
nA
VGS=± 12V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-0.7
V
ID=-250µA, VDS=
VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.27
0.40
VGS=-4.5V, ID=-1.2A
VGS=-2.7V, ID=-0.6A
Forward Transconductance (3)
gfs
1.3
S
VDS=-10V,ID=-0.6A
DYNAMIC (3)
Input Capacitance
Ciss
290
pF
VDS=-15 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
120
pF
Reverse Transfer Capacitance
Crss
50
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
3.4
ns
VDD =-10V, ID=-1.2A
RG=6.0Ω, RD=8.3Ω
(Refer to test
circuit)
Rise Time
tr
9.6
ns
Turn-Off Delay Time
td(off)
16.4
ns
Fall Time
tf
20.4
ns
Total Gate Charge
Qg
5.25
nC
VDS=-16V,VGS=-4.5V,
ID=-1.2A
(Refer to test
circuit)
Gate-Source Charge
Qgs
1.0
nC
Gate Drain Charge
Qgd
2.25
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
-0.95
V
Tj=25°C, IS=-1.2A,
VGS=0V
Reverse Recovery Time (3)
trr
21.7
ns
Tj=25°C, IF=-1.2A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Qrr
9.6
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
ZXMD63C02X
8
PROVISIONAL ISSUE A - JUNE 1999


Similar Part No. - ZXMD63C02X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMD63C02X DIODES-ZXMD63C02X Datasheet
214Kb / 11P
   20V Dual N and P-Channel Enhancement Mode Mosfet
ZXMD63C02XTA DIODES-ZXMD63C02XTA Datasheet
214Kb / 11P
   20V Dual N and P-Channel Enhancement Mode Mosfet
ZXMD63C02XTC DIODES-ZXMD63C02XTC Datasheet
214Kb / 11P
   20V Dual N and P-Channel Enhancement Mode Mosfet
More results

Similar Description - ZXMD63C02X

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMD63C02X DIODES-ZXMD63C02X Datasheet
214Kb / 11P
   20V Dual N and P-Channel Enhancement Mode Mosfet
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8_04 Datasheet
54Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
FDY1002PZ TECHPUBLIC-FDY1002PZ Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8 Datasheet
65Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X_15 Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
NTZD3152PT1G TECHPUBLIC-NTZD3152PT1G Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET‘
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
TPM2299EX6 TECHPUBLIC-TPM2299EX6 Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD63P02X ZETEX-ZXMD63P02X Datasheet
208Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM7104D TSC-TSM7104D Datasheet
135Kb / 3P
   20V Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com