Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM66P02N8TA Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXM66P02N8TA
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM66P02N8TA Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXM66P02N8TA Datasheet HTML 1Page - Zetex Semiconductors ZXM66P02N8TA Datasheet HTML 2Page - Zetex Semiconductors ZXM66P02N8TA Datasheet HTML 3Page - Zetex Semiconductors ZXM66P02N8TA Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PROVISIONAL ISSUE A - MAY 2001
ZXM66P02N8
3
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNI
T
CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
-20
V
I
D=-250µA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
-1
µA V
DS=-16V, VGS=0V
Gate-Body Leakage
I
GSS
-100
nA
V
GS=±12V, VDS=0V
Gate-Source Threshold Voltage
V
GS(th)
-0.7
V
I
D
=-250
µA, V
DS=VGS
Static Drain-Source On-State Resistance
(1)
R
DS(on)
0.025
0.045
V
GS=-4.5V, ID=-3.2A
V
GS=-2.5V, ID=-2.7A
Forward Transconductance (1)(3)
g
fs
13.3
S
V
DS=-10V,ID=-3.2A
DYNAMIC (3)
Input Capacitance
C
iss
2068
pF
V
DS=-15 V, VGS=0V,
f=1MHz
Output Capacitance
C
oss
1038
pF
Reverse Transfer Capacitance
C
rss
506
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
14.0
ns
V
DD =-10V, ID=-3.2A
R
G=6.0Ω,VGS=-5V
Rise Time
t
r
44.3
ns
Turn-Off Delay Time
t
d(off)
118.4
ns
Fall Time
t
f
98.4
ns
Total Gate Charge
Q
g
43.3
-
nC
V
DS=-10V,VGS=-4.5V
ID=-3.2A
Gate-Source Charge
Q
gs
3.5
-
nC
Gate Drain Charge
Q
gd
21.3
-
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
0.95
V
T
j=25°C, IS=-3.2A,
V
GS=0V
Reverse Recovery Time (3)
t
rr
23.1
ns
T
j=25°C, IF=-3.2A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Q
rr
12.2
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXM66P02N8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM66P02N8TA ZETEX-ZXM66P02N8TA Datasheet
59Kb / 4P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM66P02N8TA DIODES-ZXM66P02N8TA Datasheet
615Kb / 5P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM66P02N8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com