Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM64P035 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXM64P035
Description  35V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P035 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXM64P035 Datasheet HTML 1Page - Zetex Semiconductors ZXM64P035 Datasheet HTML 2Page - Zetex Semiconductors ZXM64P035 Datasheet HTML 3Page - Zetex Semiconductors ZXM64P035 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZXM64P035L3
PROVISIONAL ISSUE A - JANUARY 2002
2
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-35
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (VGS= -10V; TC=25°C)(a)
(VGS= -10V; TA=25°C)(b)
ID
-12
-3.3
A
Pulsed Drain Current (b)
IDM
-19
A
Continuous Source Current (Body Diode) (b)
IS
-2.3
A
Pulsed Source Current (Body Diode)(b)
ISM
-19
A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
20
160
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Case (a)
R
θJC
6.25
°C/W
Junction to Ambient (b)
R
θJA
83.3
°C/W
THERMAL RESISTANCE


Similar Part No. - ZXM64P035

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P035G ZETEX-ZXM64P035G Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P035GTA ZETEX-ZXM64P035GTA Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXM64P035GTA VBSEMI-ZXM64P035GTA Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Zetex Semiconductors
ZXM64P035GTC ZETEX-ZXM64P035GTC Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM64P035

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P035G ZETEX-ZXM64P035G Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035G ZETEX-ZXM64N035G_04 Datasheet
63Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3_04 Datasheet
64Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035G DIODES-ZXM64N035G Datasheet
76Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64N035G ZETEX-ZXM64N035G Datasheet
101Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3 Datasheet
99Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035L3 DIODES-ZXM64N035L3 Datasheet
71Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637_06 Datasheet
119Kb / 8P
   35V P-Channel PowerTrench MOSFET
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
   35V P-Channel PowerTrench-R MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com