Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVS882PWPRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS882PWPRG4
Description  INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVS882PWPRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVS882PWPRG4 Datasheet HTML 2Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 3Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 4Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 5Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 6Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 7Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 8Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 9Page - Texas Instruments SN65HVS882PWPRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
SN65HVS882
SLAS601 – MAY 2008 ........................................................................................................................................................................................................ www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tW1
CLK pulse duration
See Figure 5
4
ns
tW2
LD pulse duration
See Figure 3
6
ns
tSU1
SIP to CLK setup time
See Figure 6
4
ns
tH1
SIP to CLK hold time
See Figure 6
2
ns
tSU2
Falling edge to rising edge (CE to CLK) setup time
See Figure 7
4
ns
tREC
LD to CLK recovery time
See Figure 4
2
ns
fCLK
Clock pulse frequency
See Figure 5
DC
100
MHz
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH1, tPHL1
CLK to SOP
CL = 15 pF, see Figure 5
10
ns
tPLH2, tPHL2
LD to SOP
CL = 15 pF, see Figure 3
14
ns
tr, tf
Rise and fall times
CL = 15 pF, see Figure 5
5
ns
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVS882


Similar Part No. - SN65HVS882PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882PWPRG4 TI-SN65HVS882PWPRG4 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
More results

Similar Description - SN65HVS882PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31910 MAXIM-MAX31910_V01 Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com