Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK456D Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK456D
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK456D Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK456D Datasheet HTML 1Page - Power Integrations, Inc. LNK456D Datasheet HTML 2Page - Power Integrations, Inc. LNK456D Datasheet HTML 3Page - Power Integrations, Inc. LNK456D Datasheet HTML 4Page - Power Integrations, Inc. LNK456D Datasheet HTML 5Page - Power Integrations, Inc. LNK456D Datasheet HTML 6Page - Power Integrations, Inc. LNK456D Datasheet HTML 7Page - Power Integrations, Inc. LNK456D Datasheet HTML 8Page - Power Integrations, Inc. LNK456D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. A 06/10
4
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
TRIAC (Phase-Controlled) Dimming
The LinkSwitch-PL integrates several features to improve
dimming range and reduce external circuit complexity when
using a phase-controlled TRIAC dimmer. The output LED
current is controlled by the FEEDBACK pin voltage which
changes proportionally to the TRIAC dimmer conduction angle.
The conduction angle decreases, the voltage at the FEEDBACK
pin decreases causing the average LED current to decrease.
The FEEDBACK pin voltage adjustment is initiated at approxi-
mately 20% of the main half-cycle duration. When this (jOS)
threshold is exceeded, V
FB and the output LED current are
reduced until a second phase angle threshold is reached.
When this happens, with the TRIAC conduction angle being
very limited, the IC runs open loop (jOL region) and the
integrated MOSFET processes as much power as the heavily
chopped input voltage will allow creating a light output that is
deeply dimmed.
The 520 mV clamping feedback threshold is also linearly reduced
during dimming to control LED current ripple.
To help maintain the holding current of the TRIAC in the dimmer,
LinkSwitch-PL extends the MOSFET on-time towards the zero
crossings of the AC input voltage providing an active bleed or
holding current function. This on-time extension is carefully
limited to avoid deterioration of input current harmonic content
and limit total harmonic distortion (THD).
Figure 6.
Feedback Voltage vs. Phase Angle Dimming Characteristics.
VFB(ϕ)
VFB(ϕ)
VFB
ϕOL
ϕ
ϕ
180°
VLINE
Phase
Angle
Phase
Angle
TRIAC
Conduction
TRIAC
Conduction
Leading Edge
TRIAC Dimmers
Trailing Edge
TRIAC Dimmers
VTRIAC
180°
PI-5894a-052610
ϕOS
ϕOL
ϕOS
Phase
Angle
Phase
Angle
Phase
Angle
Phase
Angle


Similar Part No. - LNK456D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK456D POWERINT-LNK456D Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LNK456DG-TL POWERINT-LNK456DG-TL Datasheet
1Mb / 20P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
More results

Similar Description - LNK456D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
   LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LNK454_1011 POWERINT-LNK454_1011 Datasheet
1Mb / 20P
   LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
   Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
   Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
   Non-isolated step-down four-stage dimming LED constant current driver IC
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
   Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
   Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
   Single stage, primary control with PFC and dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com