Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97632 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97632
Description  LED Driver with 1-Wire Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97632 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97632 Datasheet HTML 1Page - Intersil Corporation ISL97632 Datasheet HTML 2Page - Intersil Corporation ISL97632 Datasheet HTML 3Page - Intersil Corporation ISL97632 Datasheet HTML 4Page - Intersil Corporation ISL97632 Datasheet HTML 5Page - Intersil Corporation ISL97632 Datasheet HTML 6Page - Intersil Corporation ISL97632 Datasheet HTML 7Page - Intersil Corporation ISL97632 Datasheet HTML 8Page - Intersil Corporation ISL97632 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN9239.3
March 22, 2010
Typical Performace Curves
FIGURE 2. EFFICIENCY vs LED CURRENT
FIGURE 3. QUIESCENT CURRENT vs VIN (ENAB = HI)
FIGURE 4. LOAD REGULATION (VIN = 4V)
FIGURE 5. LINE REGULATION
FIGURE 6. ILED vs PROGRAMMING CODES
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
45
IOUT (mA)
4.2V IN 4 LEDs OUT (22µH)
3.6V IN 4 LEDs OUT (15µH)
3.6V IN 4 LEDs OUT (10µH)
4.2V IN 4 LEDs OUT (10µH)
3.6V IN 4 LEDs OUT (22µH)
4.2V IN 4 LEDs OUT (15µH)
- 0.2
0
0.2
0.4
0.6
0.8
1.0
0
VIN (V)
1
234
5
19.92
19.96
20.00
20.04
20.08
0
5
10
15
20
25
30
VOUT (V)
19.62
19.64
19.66
19.68
19.70
19.72
19.74
19.76
2.53.0
3.54.0
4.55.0
5.5
VIN (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
CODE = DECIMAL
RSET = 4.7Ω
ISL97632


Similar Part No. - ISL97632

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-TK INTERSIL-ISL97632IRT14Z-TK Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
More results

Similar Description - ISL97632

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
   4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
LT3492 LINER-LT3492 Datasheet
335Kb / 20P
   Triple Output LED Driver with 3000:1 PWM Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com