Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSLP1206R0100FEK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLP1206R0100FEK
Description  Power Metal Strip Resistors, very High power(1W) Low Value (down to 0.001R), surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP1206R0100FEK Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLP1206R0100FEK Datasheet HTML 1Page - Vishay Siliconix WSLP1206R0100FEK Datasheet HTML 2Page - Vishay Siliconix WSLP1206R0100FEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors, Very High Power (1 W)
Low Value (down to 0.001
Ω), Surface Mount
WSLP1206
Vishay Dale
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30122
10
Revision: 26-Mar-09
FEATURES
• Very high power to foot print size ratio
(1 W in 1206 package)
• Ideal for all types of current sensing and pulse
applications including switching and linear
power supplies, instruments, power amplifiers
and shunts
• Proprietary processing technique produces
extremely low resistance values (down to
0.001
Ω)
• All welded construction
• Solid metal Nickel-Chrome or Manganese-Copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
• Compliant to RoHS directive 2002/95/EC
Note
• Part Marking: Value
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
P70 °C
W
RESISTANCE RANGE
Ω
WEIGHT
(typical)
g/1000 pieces
± 0.5 %
± 1.0 %
WSLP1206
1.0
0.01 to 0.05
0.001 to 0.05
16.2
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSLP 1206
Temperature Coefficient
ppm/°C
± 275 for 1 m
Ω to 2.9 mΩ, ± 150 for 3 mΩ to 4.9 mΩ
± 110 for 5 m
Ω to 6.9 mΩ, ± 75 for 7 mΩ to 50 mΩ
Operating Temperature Range
°C
- 65 to + 170
Maximum Working Voltage
V
(
P × R)1/2
GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBERING: WSLP1206R0100FEA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSLP1206
L = m
Ω*
R = Decimal
4L000 = 0.004
Ω
R0100 = 0.01
Ω
* use “L” for resistance
values < 0.01
Ω
D = ± 0.5 %
F = ± 1.0 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
Reserved for
future specials
SL
P
1
2
0
6R0
W
10
0
F
E
A


Similar Part No. - WSLP1206R0100FEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP1206R0100FEK VISHAY-WSLP1206R0100FEK Datasheet
135Kb / 3P
   Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
Revision: 18-Nov-08
More results

Similar Description - WSLP1206R0100FEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSR5R0150FTA VISHAY-WSR5R0150FTA Datasheet
91Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.001), Surface Mount
Revision: 18-Jan-13
WSLP2726 VISHAY-WSLP2726 Datasheet
104Kb / 3P
   Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (Down to 0.0005 ), Surface Mount
Revision: 26-Jan-11
WSLP4026 VISHAY-WSLP4026 Datasheet
106Kb / 3P
   Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (Down to 0.0005 ), Surface Mount
Revision: 26-Jan-11
WSLP1206R0300FEA VISHAY-WSLP1206R0300FEA Datasheet
98Kb / 3P
   Power Metal Strip Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
Revision: 18-Apr-12
WSL2512R0110FEA VISHAY-WSL2512R0110FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSL2512R0120FEA VISHAY-WSL2512R0120FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSR5R2000FEA VISHAY-WSR5R2000FEA Datasheet
91Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 18-Jan-13
WSL2512R2000FEB VISHAY-WSL2512R2000FEB Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSR5R2200FEA VISHAY-WSR5R2200FEA Datasheet
96Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 18-Jan-13
WSL2010R0250FEA VISHAY-WSL2010R0250FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com