Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1337A-BTDT Datasheet(PDF) 9 Page - ams AG

Part # AS1337A-BTDT
Description  200mA, DC-DC Step-Up Converter with Buck Mode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337A-BTDT Datasheet(HTML) 9 Page - ams AG

Back Button AS1337A-BTDT Datasheet HTML 5Page - ams AG AS1337A-BTDT Datasheet HTML 6Page - ams AG AS1337A-BTDT Datasheet HTML 7Page - ams AG AS1337A-BTDT Datasheet HTML 8Page - ams AG AS1337A-BTDT Datasheet HTML 9Page - ams AG AS1337A-BTDT Datasheet HTML 10Page - ams AG AS1337A-BTDT Datasheet HTML 11Page - ams AG AS1337A-BTDT Datasheet HTML 12Page - ams AG AS1337A-BTDT Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.04
9 - 14
AS1337
Datasheet - D e t a i l e d D e s c r i p t i o n
Shutdown
When pin EN is low the AS1337 is switched off and <1µA current is drawn from battery; when pin EN is high the device
is switched on. If EN is driven from a logic-level output, the logic high-level (on) should be referenced to VOUT to avoid
intermittently switching the device on.
Note: If pin EN is not used, it should be connected directly to pin VOUT.
Caution: Because of the feedthrough the output voltage is the same as the input voltage during shutdown. If VIN >
VOUT the output voltage will jump to the value of the input voltage when the device switches into shut-
down. During normal operation the device is in down conversion mode.
Shutdown Battery Feedthrough (AS1337A)
In shutdown the battery input of the AS1337A is connected to the output through the inductor and the small internal
synchronous rectifier P-FET. This allows the input battery to provide backup power for devices such as an idle micro-
controller, memory, or real-time-clock, without the usual diode forward drop. In this way a separate backup battery is
not needed.
Shutdown Battery Disconnect (AS1337B)
The AS1337B is designed to allow true output disconnect by opening both P-channel MOSFET rectifiers. During Shut-
down VOUT is discharged via the internal NMOS transistor and connected to GND.
POK Function
The POK output indicates if the output voltage is within 88% (typ.) of the nominal voltage level. As long as the output
voltage is within regulation the open-drain POK output is high impedance. The POK output can be tied to VIN or to
VOUT or to any external voltage up to VIN or VOUT via a pull-up resistance (see Figure 1 on page 1). If the output volt-
age drops below 88% (typ.) of the nominal voltage the POK pin is pulled to GND.
Note: It is important to consider that in shutdown mode the POK output is pulled to VIN in order to save current.


Similar Part No. - AS1337A-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1337A-BTDT AMSCO-AS1337A-BTDT Datasheet
912Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337A-BTDT AMSCO-AS1337A-BTDT Datasheet
811Kb / 16P
   200mA, DC-DC Step-Up Converter with Buck Mode
More results

Similar Description - AS1337A-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
   200mA Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
   200mA Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
   200mA Step-Up DC-DC Converter
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
   200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
   200mA PFM Synchronous Step-up DC/DC Converter
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com