Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVB320NSA-L Datasheet(PDF) 2 Page - Tyco Electronics

Part # TVB320NSA-L
Description  SiBar Thyristor Surge Protectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB320NSA-L Datasheet(HTML) 2 Page - Tyco Electronics

  TVB320NSA-L Datasheet HTML 1Page - Tyco Electronics TVB320NSA-L Datasheet HTML 2Page - Tyco Electronics TVB320NSA-L Datasheet HTML 3Page - Tyco Electronics TVB320NSA-L Datasheet HTML 4Page - Tyco Electronics TVB320NSA-L Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document: SCD 27218
SiBar Thyristor Surge Protectors
Status: Released
© 2007 Tyco Electronics Corporation. All rights Reserved.
2
Rev: B
Date: DECEMBER 12, 2007
SiBar Thyristor Surge Protectors
TVBxxxNSA-L Series
Table SB2 – Surge Current Rating
TIA-968
Telcordia GR-1089*
IEC61000-4-5
ITU K.20/21/45*
Type A
Type B
Part Number
Ipp(A)
5 x 320 µs
Ipp(A)
10 x 560 µs
pp (A)
10 x 160 µs
Ipp (A)
10 x 1000 µs
Ipp (A)
2 x 10 µs
Ipp (A)
8 x 20 µs
IPP (A)
5 x 310 μs
(VOC: 10 x 700μs)
ITSM
Min.
(A)
di/dt
(A/µs)
dV/dt
(V/µs)
TVBxxxNSA-L
90
70
100
50
150
150
90
22
500
2000
Notes: *Lightning current wave forms for applicable industry specification.
ITSM, peak on-state surge current is measured at 60 Hz, one cycle.
di/dt: critical rate-of-rise of on-state current (pulsed power amplifier Vmax = 600V; C = 30µF).
dV/dt: critical rate-of-rise of off-stage voltage (linear wave form, VD = rated VBO, Tj = 25°C
Table SB1 - Electrical Characteristics
Part Number
VDM Max. (V)
VBO Max. (V)
IH Min. (mA)
VT Max. (V)
C1 (Typ)
50VDC Bias
C2 (Typ)
2VDC Bias
Off-State
Current
VD2=VDM
(μA)
TVB058NSA-L
58
77
150
4
44
84
5
TVB065NSA-L
65
88
150
4
41
79
5
TVB075NSA-L
75
98
150
4
34
65
5
TVB090NSA-L
90
130
150
4
31
58
5
TVB120NSA-L
120
160
150
4
24
46
5
TVB140NSA-L
140
180
150
4
23
44
5
TVB170NSA-L
170
220
150
4
20
39
5
TVB180NSA-L
180
240
150
4
19
37
5
TVB190NSA-L
190
260
150
4
19
36
5
TVB220NSA-L
220
300
150
4
17
33
5
TVB275NSA-L
275
350
150
4
15
31
5
TVB320NSA-L
320
400
150
4
14
27
5
Notes: All electrical characteristics are measured at 25°C.
VDM measured per UL497B pulse requirements: at max. off-state leakage current (IDM) = 5 µA.
VBO measured at 100V/µs.
C1 measured at 1 MHz with a 50 VDC bias.
C2 measured at 1MHz with a 2VDC bias.


Similar Part No. - TVB320NSA-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB320NSB-L MACOM-TVB320NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVB320NSC-L MACOM-TVB320NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
More results

Similar Description - TVB320NSA-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA065RSA-L MACOM-TVA065RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSB-L MACOM-TVB058NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVA270SA MACOM-TVA270SA Datasheet
179Kb / 12P
   SiBar Thyristor Surge Protectors
TVA170NSA-L MACOM-TVA170NSA-L Datasheet
299Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSC-L MACOM-TVB058NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170SA-L MACOM-TVA170SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB200SB-L MACOM-TVB200SB-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB006RSC-L MACOM-TVB006RSC-L Datasheet
415Kb / 5P
   SiBar Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com