Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMST3906 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMST3906
Description  40 V, 200 mA PNP switching transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMST3906 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMST3906 Datasheet HTML 1Page - NXP Semiconductors PMST3906 Datasheet HTML 2Page - NXP Semiconductors PMST3906 Datasheet HTML 3Page - NXP Semiconductors PMST3906 Datasheet HTML 4Page - NXP Semiconductors PMST3906 Datasheet HTML 5Page - NXP Semiconductors PMST3906 Datasheet HTML 6Page - NXP Semiconductors PMST3906 Datasheet HTML 7Page - NXP Semiconductors PMST3906 Datasheet HTML 8Page - NXP Semiconductors PMST3906 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PMST3906_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 29 April 2009
4 of 10
NXP Semiconductors
PMST3906
40 V, 200 mA PNP switching transistor
VCE = −1V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector current as a function of
collector-emitter voltage; typical values
VCE = −1V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 3.
Base-emitter voltage as a function of collector
current; typical values
Fig 4.
Base-emitter saturation voltage as a function
of collector current; typical values
0
400
600
200
mhc459
−10−1
−1
−10
IC (mA)
hFE
−102
−103
(1)
(3)
(2)
0
−10
−250
0
−50
−100
−150
−200
−2
VCE (V)
IC
(mA)
−4
−6
−8
006aab475
IB (mA) = −1.5
−0.15
−0.30
−0.60
−0.45
−0.75
−0.90
−1.05
−1.20
−1.35
mhc461
−600
−800
−400
−1000
−1200
VBE
(mV)
−200
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
mhc462
−600
−800
−400
−1000
−1200
VBEsat
(mV)
−200
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)


Similar Part No. - PMST3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMST3906 PHILIPS-PMST3906 Datasheet
47Kb / 8P
   PNP switching transistor
1999 Apr 22
logo
Nexperia B.V. All right...
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
More results

Similar Description - PMST3906

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3906MB NEXPERIA-PMBT3906MB Datasheet
254Kb / 11P
   40 V, 200 mA PNP switching transistor
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
   40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
logo
NXP Semiconductors
PMBT3906VS NXP-PMBT3906VS Datasheet
94Kb / 11P
   40 V, 200 mA PNP/PNP switching transistor
Rev. 01-20 August 2009
logo
Nexperia B.V. All right...
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
logo
NXP Semiconductors
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
logo
Nexperia B.V. All right...
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
   40 V, 200 mA PNP/PNP switching transistor
28 December 2022
logo
NXP Semiconductors
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
   40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
logo
Nexperia B.V. All right...
PMBT3946VPN NEXPERIA-PMBT3946VPN Datasheet
269Kb / 12P
   40 V, 200 mA NPN/PNP switching transistor
28 December 2022
logo
NXP Semiconductors
PMBT3904M NXP-PMBT3904M Datasheet
91Kb / 11P
   40 V, 200 mA NPN switching transistor
Rev. 01-21 July 2009
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
   40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com