Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV20E241L-AP Datasheet(PDF) 11 Page - Tyco Electronics

Part # ROV20E241L-AP
Description  20mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV20E241L-AP Datasheet(HTML) 11 Page - Tyco Electronics

Back Button ROV20E241L-AP Datasheet HTML 3Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 4Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 5Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 6Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 7Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 8Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 9Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 10Page - Tyco Electronics ROV20E241L-AP Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ROV20, ROV20H, ROV20E
20mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25484
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
11 of 11
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of each product for their
applications. Tyco Electronics Corporation assumes no responsibility for the use of its product or for any infringement of patents or other rights of
third parties resulting from the use of its product. No license is granted by implication or otherwise under any patent or proprietary right of Tyco
Electronics except the right to use such product for the purpose for which it is sold. Tyco Electronics reserves the right to change or update, without
notice, any information contained in this publication; to change, without notice, the design, construction, processing, or specification of any product;
and to discontinue or limit production or distribution of any product. This publication supersedes and replaces all information previously supplied.
Without express written consent by an officer of Tyco Electronics, Tyco Electronics does not authorize the use of any its products as components in
nuclear facility applications, aerospace, or in critical life support devices or systems. Tyco Electronics’ only obligations are those in the Tyco
Electronics Standard Terms and Conditions of Sale and in no case will Tyco Electronics be liable for any incidental, indirect, or consequential
damages arising from the sale, resale, use, or misuse of its products.
R
is a trademark of Tyco Electronics Corporation
© 2003 Tyco Electronics Corporation


Similar Part No. - ROV20E241L-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20E241K MACOM-ROV20E241K Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
More results

Similar Description - ROV20E241L-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20-511K MACOM-ROV20-511K Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com