Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV14H820K-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # ROV14H820K-2
Description  14mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV14H820K-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button ROV14H820K-2 Datasheet HTML 3Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 4Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 5Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 6Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 7Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 8Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 9Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 10Page - Tyco Electronics ROV14H820K-2 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ROV14, ROV14H, ROV14E
14mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25483
Status: Released
Rev.: A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
9 of 11
PACKAGING
356max.
356max.
in mm
65ma
x.
Arbor hole
30 0.1
0.1
343
ma
x.
65m
ax.
Packaging
Bulk (box)
Reel
Ammo
Box size (mm)
290 x 155 x 110
350 x 350 x 74
350 x 260 x 65
Carton size (mm)
310 x 328 x 250
370 x 370 x 468
365 x 535 x 275
One carton with
4 Boxes
6 Boxes (6 reels)
8 Boxes
Part Number
Bulk (box)
Reel
Ammo
ROV14-180M to ROV14-470K,
ROV14H180M to ROV14H470K
1500
750
500
ROV14-560K to ROV14-680K,
ROV14H560K to ROV14H680K
1500
750
500
ROV14-820K to ROV14-331K,
ROV14H820K to ROV14H331K
1500
750
500
ROV14-361K to ROV14-391K,
ROV14H361K to ROV14H391K
1500
750
500
ROV14-431K to ROV14-471K,
ROV14H431K to ROV14H471K
1500
750
500
ROV14-511K to ROV14-751K,
ROV14H511K to ROV14H751K
750
500
500
ROV14-751K to ROV14-182K,
ROV14H751K to ROV14H112K
750
500
500


Similar Part No. - ROV14H820K-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14H820K MACOM-ROV14H820K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
More results

Similar Description - ROV14H820K-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14H561K MACOM-ROV14H561K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-241K-S-2 MACOM-ROV14-241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com