Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV05-241L-AP Datasheet(PDF) 7 Page - Tyco Electronics

Part # ROV05-241L-AP
Description  5mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV05-241L-AP Datasheet(HTML) 7 Page - Tyco Electronics

Back Button ROV05-241L-AP Datasheet HTML 2Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 3Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 4Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 5Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 6Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 7Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 8Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 9Page - Tyco Electronics ROV05-241L-AP Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ROV05, ROV05H
5mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.circuitprotection.com
Document: SCD 25480
Status: Released
Rev. C
May 18, 2005
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
7 of 10
© 2005 Tyco Electronics Corporation
DIMENSIONS
A
E
C
B
D
15
A
E
C
F
B1
D1
λ
λ
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
PACKAGING
Type
No.
C max.
F±0.8
B1 max.
180M
4.5
0.8
10.5
220L
4.5
0.9
10.5
270K
4.7
0.9
10.5
330K
4.7
1.0
10.5
390K
4.7
1.2
10.5
470K
5.0
1.2
10.5
560K
5.0
1.4
10.5
680K
5.5
1.7
10.5
820K
3.8
0.8
10.5
101K
3.9
0.8
10.5
121K
4.1
0.9
10.5
151K
4.5
1.2
10.5
181K
4.1
1.0
10.5
201K
4.2
1.0
10.5
221K
4.3
1.1
10.5
241K
4.4
1.1
10.5
271K
4.6
1.3
10.5
301K
4.8
1.3
10.5
331K
4.9
1.3
10.5
361K
5.1
1.8
10.5
391K
5.3
2.0
11.0
431K
6.1
2.1
11.0
471K
6.4
2.2
11.0
511K
6.6
2.5
11.5
561K
6.9
2.8
11.5
621K
7.2
3.1
11.5
681K
7.5
3.4
11.5
751K
7.9
3.7
11.5
A max.
7.5
λ ± 0.05
0.6
E ± 1.0
5.0
B max.
11.0
D1 min.
25.0
D min.
24.0


Similar Part No. - ROV05-241L-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07 MACOM-ROV07 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-101K MACOM-ROV07-101K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-121K MACOM-ROV07-121K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-151K MACOM-ROV07-151K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-180M MACOM-ROV07-180M Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV05-241L-AP

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com