Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEM1505NG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEM1505NG
Description  NPN transistor/Schottky rectifier module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEM1505NG Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEM1505NG Datasheet HTML 1Page - NXP Semiconductors PMEM1505NG Datasheet HTML 2Page - NXP Semiconductors PMEM1505NG Datasheet HTML 3Page - NXP Semiconductors PMEM1505NG Datasheet HTML 4Page - NXP Semiconductors PMEM1505NG Datasheet HTML 5Page - NXP Semiconductors PMEM1505NG Datasheet HTML 6Page - NXP Semiconductors PMEM1505NG Datasheet HTML 7Page - NXP Semiconductors PMEM1505NG Datasheet HTML 8Page - NXP Semiconductors PMEM1505NG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Combination of an NPN transistor with low VCEsat and high current capability and a planar
Schottky barrier rectifier with an integrated guard ring for stress protection in a SOT353
(SC-88A) small plastic package. PNP complement: PMEM1505PG
1.2 Features
I 300 mW total power dissipation
I Current capability up to 0.5 A
I Reduces printed-circuit board area required
I Reduces pick and place costs
I Small plastic SMD package
I Transistor
N Low collector-emitter saturation voltage.
I Diode
N Ultra high-speed switching
N Very low forward voltage
N Guard ring protected
1.3 Applications
1.4 Quick reference data
[1]
Mounted on a FR4 printed-circuit board, single-sided copper, tin-plated, standard footprint for SOT353.
PMEM1505NG
NPN transistor/Schottky rectifier module
Rev. 02 — 31 August 2009
Product data sheet
I DC-to-DC converters
I Inductive load drivers
I General purpose load drivers
I Reverse polarity protection circuits
I MOSFET drivers
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NPN transistor
VCEO
collector-emitter voltage
open base
-
-
15
V
IC
collector current (DC)
continuous
[1]
-
-
0.5
A
Schottky barrier rectifier
VR
continuous reverse voltage
-
-
20
V
IF
continuous forward current
-
-
0.5
A


Similar Part No. - PMEM1505NG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM1505PG PHILIPS-PMEM1505PG Datasheet
66Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 01-26 May 2004
PMEM1505PG NXP-PMEM1505PG Datasheet
79Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 02-31 August 2009
More results

Similar Description - PMEM1505NG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM4020AND NXP-PMEM4020AND Datasheet
87Kb / 13P
   NPN transistor/Schottky rectifier module
Rev. 02-31 August 2009
PZTM1101 PHILIPS-PZTM1101 Datasheet
31Kb / 7P
   NPN transistor/Schottky-diode module
1996 May 09
PMEM4020ND PHILIPS-PMEM4020ND Datasheet
89Kb / 11P
   NPN transistor/Schottky-diode module
2003 Nov 10
PMEM4020ND NXP-PMEM4020ND Datasheet
197Kb / 11P
   NPN transistor/Schottky-diode module
2003 Nov 10
PMEM4010ND NXP-PMEM4010ND Datasheet
170Kb / 10P
   NPN transistor/Schottky diode module
2003 Jul 04
PMEM4020APD NXP-PMEM4020APD Datasheet
87Kb / 13P
   PNP transistor/Schottky rectifier module
Rev. 02-31 August 2009
PMEM1505PG PHILIPS-PMEM1505PG Datasheet
66Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 01-26 May 2004
PMEM1505PG NXP-PMEM1505PG Datasheet
79Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 02-31 August 2009
logo
GeneSiC Semiconductor, ...
MBR2X060A045 GENESIC-MBR2X060A045_18 Datasheet
650Kb / 3P
   Schottky Rectifier Module
MBR2X060A080 GENESIC-MBR2X060A080_18 Datasheet
652Kb / 3P
   Schottky Rectifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com