Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM62P02E6TC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXM62P02E6TC
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM62P02E6TC Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXM62P02E6TC Datasheet HTML 1Page - Zetex Semiconductors ZXM62P02E6TC Datasheet HTML 2Page - Zetex Semiconductors ZXM62P02E6TC Datasheet HTML 3Page - Zetex Semiconductors ZXM62P02E6TC Datasheet HTML 4Page - Zetex Semiconductors ZXM62P02E6TC Datasheet HTML 5Page - Zetex Semiconductors ZXM62P02E6TC Datasheet HTML 6Page - Zetex Semiconductors ZXM62P02E6TC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXM62P02E6
0.1
10
100
0.0001
0.1
100
080
160
-VDS - Drain-Source Voltage (V)
Safe Operating Area
0.1
10
100
DC
1s
100ms
D=0.1
D=0.2
60
D=0.05
0
Pulse Width (s)
Transient Thermal Impedance
2
1.5
0
T - Temperature (° )
Derating Curve
Refer Note (b)
Single Pulse
D=0.5
10ms
1ms
100µs
Pulse Width (s)
40
80
20
0.01
10
0.001
1
80
0
0.0001
1000
0.001 0.01
0.1
1
10
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
D=0.05
Single Pulse
100
60
120
100
40
20
Refer Note (a)
1
0.5
60
140
20
40
100
120
1
1
Refer Note (a)
Refer Note (b)
Refer Note (a)
CHARACTERISTICS
107
PROVISIONAL ISSUE A - JULY 1999


Similar Part No. - ZXM62P02E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6TC ZETEX-ZXM62P02E6TC Datasheet
177Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62P02E6TC DIODES-ZXM62P02E6TC Datasheet
184Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM62P02E6TC DIODES-ZXM62P02E6TC Datasheet
719Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM62P02E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com