Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZEN056V130A24GS Datasheet(PDF) 7 Page - Tyco Electronics

Part # ZEN056V130A24GS
Description  Polymer Protected Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ZEN056V130A24GS Datasheet(HTML) 7 Page - Tyco Electronics

  ZEN056V130A24GS Datasheet HTML 1Page - Tyco Electronics ZEN056V130A24GS Datasheet HTML 2Page - Tyco Electronics ZEN056V130A24GS Datasheet HTML 3Page - Tyco Electronics ZEN056V130A24GS Datasheet HTML 4Page - Tyco Electronics ZEN056V130A24GS Datasheet HTML 5Page - Tyco Electronics ZEN056V130A24GS Datasheet HTML 6Page - Tyco Electronics ZEN056V130A24GS Datasheet HTML 7Page - Tyco Electronics ZEN056V130A24GS Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
33
4
RoHS Compliant
Solder Reflow and Rework Recommendation for PolyZen Devices
Critical Zone
T
L to Tp
Ramp up
t 25˚C to Peak
Reflow Profile
Time
Ramp down
ts
Preheat
Ts
MAX
T
L
Tp
tp
25
Ts
MIN
t
L
Figure PZ23
Classification Reflow Profiles
Profile Feature
Pb-Free Assembly
Average ramp up rate (TsMAX to Tp)
3°C/second max.
Preheat
• Temperature min. (TsMIN)
150°C
• Temperature max. (TsMAX)
200°C
• Time (tsMIN to tsMAX)
60-180 seconds
Time maintained above:
• Temperature (TL)
217°C
• Time (tL)
60-150 seconds
Peak/Classification temperature (Tp)
260°C
Time within 5°C of actual peak temperature
Time (tp)
20-40 seconds
Ramp down rate
6°C/second max.
Time 25°C to peak temperature
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Description
ZENxxxVyyyAzzLS/M Devices
ZENxxxVyyyAzzGS Devices
A0
4.35
4.35
B0
4.35
4.35
K0
2.30
1.80
A
0
B
0
K
0
2.00 ± 0.05
Note 3
0.35 ± 0.05
4.00
Note 1
8.00
ø1.5 + 0.1 / -0.0
ø1.50 Min
0.25 R
0.25
12.0 ± 0.3
5.50 ± 0.05
Note 3
1.75 ± 0.10
A
A
R 0.3 Max
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±0.2
2. Camber in compliance with EIA 481
3. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole
Tape and Reel Specifications for PolyZen Devices (in Millimeters)
Figure PZ24 EIA Referenced Taped Component Dimensions for PolyZen Devices (in Millimeters)


Similar Part No. - ZEN056V130A24GS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN056V130A24GS MACOM-ZEN056V130A24GS Datasheet
387Kb / 10P
   PolyZen Devices Polymer Protected Zener Diode
More results

Similar Description - ZEN056V130A24GS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN098V230A16LS MACOM-ZEN098V230A16LS Datasheet
387Kb / 10P
   PolyZen Devices Polymer Protected Zener Diode
logo
Littelfuse
ZEN065V230A16LS LITTELFUSE-ZEN065V230A16LS Datasheet
622Kb / 9P
   Polymer Enhanced Zener Diode
ZEN164V130A24LS LITTELFUSE-ZEN164V130A24LS Datasheet
641Kb / 9P
   Polymer Enhanced Zener Diode
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com