Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE302XXXXCXX+ Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE302XXXXCXX+
Description  Low Voltage Detector with Built-in Delay Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302XXXXCXX+ Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE302XXXXCXX+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302XXXXCXX+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 
                                                                                                                      
ACE302
                        Technology
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
5
Electrical Characteristics By Detector Threshold
Detector Threshold
Supply Current1
Supply Current2
-Vdet[V]
Iss1[uA]
Iss2[uA]
Part Number
Min
Typ
Max
Condition
Typ
Max
Condition
Typ
Max
ACE302X090XXX+
0.882
0.900
0.918
ACE302X100XXX+
0.980
1.000
1.020
ACE302X110XXX+
1.078
1.100
1.122
ACE302X120XXX+
1.176
1.200
1.224
ACE302X130XXX+
1.274
1.300
1.326
ACE302X140XXX+
1.372
1.400
1.428
ACE302X150XXX+
1.470
1.500
1.530
ACE302X160XXX+
1.568
1.600
1.632
ACE302X170XXX+
1.666
1.700
1.734
ACE302X180XXX+
1.764
1.800
1.836
ACE302X190XXX+
1.862
1.900
1.938
1.0
1.5
ACE302X200XXX+
1.960
2.000
2.040
ACE302X210XXX+
2.058
2.100
2.142
ACE302X220XXX+
2.156
2.200
2.244
ACE302X230XXX+
2.254
2.300
2.346
ACE302X240XXX+
2.352
2.400
2.448
ACE302X250XXX+
2.450
2.500
2.550
ACE302X260XXX+
2.548
2.600
2.652
ACE302X270XXX+
2.646
2.700
2.754
ACE302X280XXX+
2.744
2.800
2.856
ACE302X290XXX+
2.842
2.900
2.958
ACE302X300XXX+
2.940
3.000
3.060
ACE302X310XXX+
3.038
3.100
3.162
ACE302X320XXX+
3.136
3.200
3.264
ACE302X330XXX+
3.234
3.300
3.366
ACE302X340XXX+
3.332
3.400
3.468
ACE302X350XXX+
3.430
3.500
3.570
ACE302X360XXX+
3.528
3.600
3.672
ACE302X370XXX+
3.626
3.700
3.774
ACE302X380XXX+
3.724
3.800
3.876
ACE302X390XXX+
3.822
3.900
3.978
ACE302X400XXX+
3.920
4.000
4.080
ACE302X410XXX+
4.018
4.100
4.182
ACE302X420XXX+
4.116
4.200
4.284
Vdd=
(-Vdet)
+0.1V
0.5
1.0
Vdd=
(-Vdet)
+2V
0.5
1.0


Similar Part No. - ACE302XXXXCXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302X090XXX++ ACE-ACE302X090XXX+ Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE302X100XXX++ ACE-ACE302X100XXX+ Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE302X110XXX++ ACE-ACE302X110XXX+ Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE302X120XXX++ ACE-ACE302X120XXX+ Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE302X130XXX++ ACE-ACE302X130XXX+ Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
More results

Similar Description - ACE302XXXXCXX+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com