Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF104M2450S1-T Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # AF104M2450S1-T
Description  CHIP ANTENNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AF104M2450S1-T Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

  AF104M2450S1-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AF104M2450S1-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AF104M2450S1-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AF104M2450S1-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AF104M2450S1-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AF104M2450S1-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AF104M2450S1-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AF104M2450S1-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1
chipan_reli-PRP2
chipan_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
1. Operating Temperature Range
Specified Value
-20~+80℃
2. Storage Temperature Range
Specified Value
-40~+85℃
【Test Methods and Remarks】
※with being taped, ー20~+35℃
3. Solderability
Specified Value
At least 90% of Terminal surface immersed is covered by new solder.
【Test Methods and Remarks】
Solder temperature : 230±5℃
Duration
: 3±1 sec.
Preconditioning
: Preheating at 150℃ after immersion into flux.
4. Thermal Shock
Specified Value
Shall satisfy required VSWR value of individual specifications for each item.
【Test Methods and Remarks】
1 hour of recovery after 10 times of 30min.immersion alternately at ー40℃ and 85℃ of temperature,followed by evaluating electrical characteristics.
5. High Temperature Storage Test
Specified Value
Shall satisfy required VSWR value of individual specifications for each item.
【Test Methods and Remarks】
1 hour of recovery under standard condition after 96 hours recovery with 85℃ of temperature, followed by evaluating electrical characteristics.
6. Low Temperature Storage Test
Specified Value
Shall satisfy required VSWR value of individual specifications for each item.
【Test Methods and Remarks】
1 hour of recovery under standard condition after 96 hours recovery with ー40℃ of temperature, followed by evaluating electrical characteristics.
7. Humidity Storage Test
Specified Value
Shall satisfy required VSWR value of individual specifications for each item.
【Test Methods and Remarks】
1 hour of recovery under standard condition after 96 hours recovery with 60℃ of temperature, 90~95% relative humidity followed by evaluating electrical characteristics.
8. Resistance to Reflow
Specified Value
Shall satisfy required VSWR value of individual specifications for each item.
【Test Methods and Remarks】
Two times of reflow soldering by recommended profile attached, followed by evaluating electrical characteristics.


Similar Part No. - AF104M2450S1-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF10 ETC2-AF10 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
3M Electronics
AF10 3M-AF10 Datasheet
31Kb / 8P
   3M Scotch-WeldTM Structural Adhesive Films
logo
NIHON DEMPA KOGYO
AF10-12D NDK-AF10-12D Datasheet
85Kb / 1P
   Antenna Filter
AF10-24D NDK-AF10-24D Datasheet
85Kb / 1P
   Antenna Filter
logo
National Semiconductor ...
AF100 NSC-AF100 Datasheet
578Kb / 18P
   UNIVERSAL ACTIVE FILTER
More results

Similar Description - AF104M2450S1-T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCA-5220-A2-TR RALTRON-RCA-5220-A2-TR Datasheet
461Kb / 3P
   CHIP ANTENNA
RCA-E-1003-E1-TR RALTRON-RCA-E-1003-E1-TR Datasheet
380Kb / 3P
   CHIP ANTENNA
RCA-E-3216-J2-TR RALTRON-RCA-E-3216-J2-TR Datasheet
306Kb / 3P
   CHIP ANTENNA
RCA-W2-P-3216-A36-G RALTRON-RCA-W2-P-3216-A36-G Datasheet
395Kb / 6P
   CHIP ANTENNA
logo
Pulse A Technitrol Comp...
W3014 PULSE-W3014 Datasheet
861Kb / 13P
   Chip Antenna
logo
Raltron Electronics Cor...
RCA-E-3216-EE-TR RALTRON-RCA-E-3216-EE-TR Datasheet
621Kb / 3P
   CHIP ANTENNA
RCA-E-3216-EA-TR RALTRON-RCA-E-3216-EA-TR Datasheet
742Kb / 7P
   CHIP ANTENNA
RCA-3216-A1-TR RALTRON-RCA-3216-A1-TR Datasheet
541Kb / 3P
   CHIP ANTENNA
RCA-9520-A0-TR RALTRON-RCA-9520-A0-TR Datasheet
619Kb / 4P
   CHIP ANTENNA
RCA-E-3216-A2-TR RALTRON-RCA-E-3216-A2-TR Datasheet
552Kb / 3P
   CHIP ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com