Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4010ER Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG4010ER
Description  1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4010ER Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG4010ER_10 Datasheet HTML 4Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 5Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 6Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 7Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 8Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 9Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 10Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 11Page - NXP Semiconductors PMEG4010ER_10 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PMEG4010ER_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 15 April 2010
8 of 14
NXP Semiconductors
PMEG4010ER
1 A low VF MEGA Schottky barrier rectifier
Ceramic PCB, Al2O3, standard footprint
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Tj = 150 °C
(1)
δ =1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 11. Average forward current as a function of
ambient temperature; typical values
Fig 12. Average forward current as a function of
solder point temperature; typical values
Tamb (°C)
175
125
25
150
100
50
075
006aab372
0.8
0.4
1.2
1.6
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Tsp (°C)
175
125
25
150
100
50
075
006aab373
0.8
0.4
1.2
1.6
IF(AV)
(A)
0
(1)
(2)
(3)
(4)


Similar Part No. - PMEG4010ER_10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4010ER-Q NEXPERIA-PMEG4010ER-Q Datasheet
259Kb / 12P
   40 V, 1 A low VF Schottky barrier rectifier
16 November 2022
More results

Similar Description - PMEG4010ER_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EP NXP-PMEG4010EP Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG4010ER NXP-PMEG4010ER Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG2010BER PHILIPS-PMEG2010BER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010EP PHILIPS-PMEG3010EP_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
PMEG3010ER NXP-PMEG3010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG2010ER NXP-PMEG2010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010BEP NXP-PMEG3010BEP Datasheet
98Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01 ??20 April 2009
logo
Nexperia B.V. All right...
PMEG3010BEA-Q NEXPERIA-PMEG3010BEA-Q Datasheet
201Kb / 10P
   1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
NXP Semiconductors
PMEG6010ER NXP-PMEG6010ER Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com