Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL280E5 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXCL280E5
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL280E5 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXCL280E5 Datasheet HTML 2Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 9Page - Zetex Semiconductors ZXCL280E5 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISSUE 5 - NOVEMBER 2001
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
6
PIN DESCRIPTION
Pin Name
Pin Function
V
IN
Supply Voltage
G
ND
Ground
E
N
Active HIGH Enable input. TTL/CMOS logic compatible.
Connect to V
IN or logic high for normal operation
N/C
No Connection
V
O
Regulator Output
SC70
Package Suffix – H5
Top View
SOT23-5
Package Suffix – E5
Top View
GND
EN
N/C
VIN
VO
1
2
3
4
5
GND
EN
N/C
VIN
VO
1
2
3
4
5
CONNECTION DIAGRAMS
SCHEMATIC DIAGRAM
SC70
Package Suffix –H5
Top View
GND
EN
N/C
VIN
VO
1
2
3
4
5
ZXCLXXX
ZXCL1XXX
ZXCLXXX


Similar Part No. - ZXCL280E5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL280E5 ZETEX-ZXCL280E5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL280E5TA DIODES-ZXCL280E5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL280E5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com